Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS754XCB-050 Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # ACS754XCB-050
Description  Current Sensor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS754XCB-050 Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button ACS754XCB-050 Datasheet HTML 3Page - Allegro MicroSystems ACS754XCB-050 Datasheet HTML 4Page - Allegro MicroSystems ACS754XCB-050 Datasheet HTML 5Page - Allegro MicroSystems ACS754XCB-050 Datasheet HTML 6Page - Allegro MicroSystems ACS754XCB-050 Datasheet HTML 7Page - Allegro MicroSystems ACS754XCB-050 Datasheet HTML 8Page - Allegro MicroSystems ACS754XCB-050 Datasheet HTML 9Page - Allegro MicroSystems ACS754XCB-050 Datasheet HTML 10Page - Allegro MicroSystems ACS754XCB-050 Datasheet HTML 11Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
ACS754050-DS, Rev. 3
Current Sensor: ACS754xCB-050
Definitions of Dynamic Response Characteristics
Propagation delay (tPROP): The time required for the sensor output to reflect a change in the primary current
signal. Propagation delay is attributed to inductive loading within the linear IC package, as well as in the induc-
tive loop formed by the primary conductor geometry. Propagation delay can be considered as a fixed time offset
and may be compensated.
Response time (tRESPONSE): The time interval between a) when the primary current signal reaches 90% of its
final value, and b) when the sensor reaches 90% of its output corresponding to the applied current.
Rise time (tr): The time interval between a) when the sensor reaches 10% of its full scale value, and b) when
it reaches 90% of its full scale value. The rise time to a step response is used to derive the bandwidth of the
current sensor, in which ƒ(–3 dB) = 0.35 / tr. Both tr and tRESPONSE are detrimentally affected by eddy current
losses observed in the conductive IC ground plane and, to varying degrees, in the ferrous flux concentrator
within the current sensor package.
Primary Current
Transducer Output
90
0
I (%)
Propagation Time, t
PROP
t
Primary Current
Transducer Output
90
0
I (%)
Response Time, tRESPONSE
t
Primary Current
Transducer Output
90
10
0
I (%)
Rise Time, tr
t


Similar Part No. - ACS754XCB-050

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS754XCB-100 ALLEGRO-ACS754XCB-100 Datasheet
511Kb / 11P
Current Sensor
ACS754XCB-130 ALLEGRO-ACS754XCB-130 Datasheet
506Kb / 11P
Current Sensor
ACS754XCB-150 ALLEGRO-ACS754XCB-150 Datasheet
448Kb / 11P
Current Sensor
More results

Similar Description - ACS754XCB-050

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS754XCB-150 ALLEGRO-ACS754XCB-150 Datasheet
448Kb / 11P
Current Sensor
ACS755XCB-050 ALLEGRO-ACS755XCB-050 Datasheet
434Kb / 10P
Current Sensor
logo
Zetex Semiconductors
ZMC10 ZETEX-ZMC10 Datasheet
18Kb / 2P
Current Sensor
logo
Allegro MicroSystems
ACS752SCA-050 ALLEGRO-ACS752SCA-050 Datasheet
1Mb / 11P
Current Sensor
ACS750XCA-050 ALLEGRO-ACS750XCA-050_05 Datasheet
550Kb / 12P
Current Sensor
logo
MPS Industries, Inc.
P4100E5 MPSIND-P4100E5 Datasheet
180Kb / 1P
CURRENT SENSOR
logo
Diodes Incorporated
ZMC10D DIODES-ZMC10D Datasheet
251Kb / 4P
Current Sensor
logo
Zetex Semiconductors
ZMC10D ZETEX-ZMC10D Datasheet
244Kb / 4P
Current Sensor
logo
CUI INC
CSXX05B CUI-CSXX05B_V01 Datasheet
362Kb / 4P
CURRENT SENSOR
02/19/2020
CSXX05U CUI-CSXX05U_V01 Datasheet
331Kb / 4P
CURRENT SENSOR
02/19/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com