Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC4741C Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC4741C
Description  DIFFERENTIAL INPUT OPERATIONAL AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC4741C Datasheet(HTML) 1 Page - ON Semiconductor

  MC4741C Datasheet HTML 1Page - ON Semiconductor MC4741C Datasheet HTML 2Page - ON Semiconductor MC4741C Datasheet HTML 3Page - ON Semiconductor MC4741C Datasheet HTML 4Page - ON Semiconductor MC4741C Datasheet HTML 5Page - ON Semiconductor MC4741C Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Device
Operating
Temperature Range
Package
MC4741C
SEMICONDUCTOR
TECHNICAL DATA
DIFFERENTIAL INPUT
OPERATIONAL AMPLIFIER
(QUAD MC1741)
ORDERING INFORMATION
MC4741CD
MC4741CP
TA = 0° to +70°C
SO–14
Plastic DIP
PIN CONNECTIONS
Order this document by MC4741C/D
D SUFFIX
PLASTIC PACKAGE
CASE 751A
(SO–14)
P SUFFIX
PLASTIC PACKAGE
CASE 646
14
1
14
1
8
10
11
14
9
12
13
7
6
5
4
1
2
3
Out 3
*
)
Out 1
*
)
)
*
4
3
Inputs 1
(Top View)
VCC
Inputs 2
Out 2
Inputs 3
Inputs 4
Out 4
VEE
)
*
2
1
1
MOTOROLA ANALOG IC DEVICE DATA
Differential Input
Operational Amplifier
The MC4741C is a true quad MC1741. Integrated on a single monolithic
chip are four independent, low power operational amplifiers which have been
designed to provide operating characteristics identical to those of the
industry standard MC1741, and can be applied with no change in circuit
performance.
The MC4741C can be used in applications where amplifier matching or
high packing density is important.
Other applications include high
impedance buffer amplifiers and active filter amplifiers.
Each Amplifier is Functionally Equivalent to the MC1741
Class AB Output Stage Eliminates Crossover Distortion
True Differential Inputs
Internally Frequency Compensated
Short Circuit Protection
Low Power Supply Current (0.6 mA/Amplifier)
Representative Schematic Diagram
(1/4 of Circuit Shown)
Offset
Null
Output
G
Noninverting
Input
Inverting
Input
VCC
VEE
39 k
1.0 k
1.0 k
50 k
50 k
50
50
25
4.5 k
7. 5k
30 pF
5.0 k
© Motorola, Inc. 1996
Rev 5


Similar Part No. - MC4741C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC474 ETC1-MC474 Datasheet
297Kb / 6P
   DUAL J-K FLIP-FLOP
More results

Similar Description - MC4741C

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK801 MSK-MSK801 Datasheet
234Kb / 6P
   FET INPUT DIFFERENTIAL OPERATIONAL AMPLIFIER
logo
First Components Intern...
LM324 FCI-LM324 Datasheet
53Kb / 2P
   Quad Differential Input Operational Amplifier
logo
Motorola, Inc
LM358 MOTOROLA-LM358 Datasheet
160Kb / 8P
   DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LM358 ONSEMI-LM358 Datasheet
160Kb / 16P
   DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
August, 2002 ??Rev. 11
MC3403 ONSEMI-MC3403 Datasheet
165Kb / 8P
   QUAD DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
1996 REV 5
logo
First Components Intern...
LM358 FCI-LM358 Datasheet
262Kb / 4P
   Dual Differential Input Operational Amplifiers
logo
ON Semiconductor
MC3458 ONSEMI-MC3458 Datasheet
158Kb / 8P
   DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
REV 0
logo
Texas Instruments
LMH6550 TI1-LMH6550 Datasheet
2Mb / 33P
[Old version datasheet]   Differential, High-Speed Operational Amplifier
logo
SG Micro Corp
SGM8048 SGMICRO-SGM8048 Datasheet
338Kb / 10P
   Input/Output Operational Amplifier
SGM8046 SGMICRO-SGM8046 Datasheet
340Kb / 10P
   Input/Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com