Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC4741C Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC4741C
Description  DIFFERENTIAL INPUT OPERATIONAL AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC4741C Datasheet(HTML) 3 Page - ON Semiconductor

  MC4741C Datasheet HTML 1Page - ON Semiconductor MC4741C Datasheet HTML 2Page - ON Semiconductor MC4741C Datasheet HTML 3Page - ON Semiconductor MC4741C Datasheet HTML 4Page - ON Semiconductor MC4741C Datasheet HTML 5Page - ON Semiconductor MC4741C Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MC4741C
3
MOTOROLA ANALOG IC DEVICE DATA
ELECTRICAL CHARACTERISTICS (VCC = +15 V, VEE = –15 V, TA = 25°C, unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Input Offset Voltage (RS ≤ 10 k)
VIO
2.0
6.0
mV
Input Offset Current
IIO
20
200
nA
Input Bias Current
IIB
80
500
nA
Input Resistance
ri
0.3
2.0
M
Input Capacitance
Ci
1.4
pF
Offset Voltage Adjustment Range
VIOR
±15
mV
Common Mode Input Voltage Range
VICR
±12
±13
V
Large Signal Voltage Gain (VO = ±10 V, RL ≥ 2.0 k)
Av
20
200
V/mV
Output Resistance
ro
75
Common Mode Rejection (RS ≤ 10 k)
CMR
70
90
dB
Supply Voltage Rejection Ratio (RS ≤ 10 k)
PSRR
30
150
µV/V
Output Voltage Swing
VO
V
(RL ≥ 10 k)
±12
±14
(RL ≥ 2 k)
±10
±13
Output Short Circuit Current
ISC
20
mA
Supply Current – (All Amplifiers)
ID
3.5
7.0
mA
Power Consumption (All Amplifiers)
PC
105
210
mW
Transient Response (Unity Gain – Non–Inverting)
(VI = 20 mV, RL ≥ 2 kΩ, CL ≤ 100 pF) Rise Time
tTLH
0.3
µs
(VI = 20 mV, RL ≥ 2 kΩ, CL ≤ 100 pF) Overshoot
os
15
%
(VI = 10 V, RL ≥ 2 kΩ, CL ≤ 100 pF) Slew Rate
SR
0.5
V/
µs
ELECTRICAL CHARACTERISTICS (VCC = +15 V, VEE = –15 V, TA = * Thigh to Tlow, unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Input Offset Voltage (RS ≤ 10 kΩ)
VIO
7.5
mV
Input Offset Current (TA = 0° to + 70°C)
IIO
300
nA
Input Bias Current (TA = 0° to + 70°C)
IIB
800
nA
Large Signal Voltage Gain (RL ≥ 2k, VOUT = ±10 V)
AV
15
V/mV
Output Voltage Swing (RL ≥ 2 k)
VO
±10
±13
V
*Thigh = 70°C
Tlow = –0°C


Similar Part No. - MC4741C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC474 ETC1-MC474 Datasheet
297Kb / 6P
DUAL J-K FLIP-FLOP
More results

Similar Description - MC4741C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM358 MOTOROLA-LM358 Datasheet
160Kb / 8P
DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LM358 ONSEMI-LM358 Datasheet
160Kb / 16P
DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
August, 2002 ??Rev. 11
MC3403 ONSEMI-MC3403 Datasheet
165Kb / 8P
QUAD DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
1996 REV 5
MC3458 ONSEMI-MC3458 Datasheet
158Kb / 8P
DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
REV 0
logo
M.S. Kennedy Corporatio...
MSK801 MSK-MSK801 Datasheet
234Kb / 6P
FET INPUT DIFFERENTIAL OPERATIONAL AMPLIFIER
logo
First Components Intern...
LM324 FCI-LM324 Datasheet
53Kb / 2P
Quad Differential Input Operational Amplifier
LM358 FCI-LM358 Datasheet
262Kb / 4P
Dual Differential Input Operational Amplifiers
logo
SG Micro Corp
SGM8046 SGMICRO-SGM8046 Datasheet
340Kb / 10P
Input/Output Operational Amplifier
SGM8048 SGMICRO-SGM8048 Datasheet
338Kb / 10P
Input/Output Operational Amplifier
logo
Texas Instruments
LMH6550 TI1-LMH6550 Datasheet
2Mb / 33P
Differential, High-Speed Operational Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com