Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC4741C Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC4741C
Description  DIFFERENTIAL INPUT OPERATIONAL AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC4741C Datasheet(HTML) 4 Page - ON Semiconductor

  MC4741C Datasheet HTML 1Page - ON Semiconductor MC4741C Datasheet HTML 2Page - ON Semiconductor MC4741C Datasheet HTML 3Page - ON Semiconductor MC4741C Datasheet HTML 4Page - ON Semiconductor MC4741C Datasheet HTML 5Page - ON Semiconductor MC4741C Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MC4741C
4
MOTOROLA ANALOG IC DEVICE DATA
±15 V Supplies
±12 V
±9.0 V
±6.0 V
±15 V Supplies
±12 V
±9.0 V
±6.0 V
Figure 1. Power Bandwidth
(Large Signal Swing versus Frequency)
Figure 2. Open Loop Frequency Response
Figure 3. Positive Output Voltage Swing
versus Load Resistance
Figure 4. Negative Output Voltage Swing
versus Load Resistance
Figure 5. Output Voltage Swing versus
Load Resistance (Single Supply Operation)
f, FREQUENCY (Hz)
28
24
20
16
12
8.0
4.0
0
10
100
1.0 k
10 k
100 k
f, FREQUENCY (Hz)
120
100
80
60
40
20
0
–20
1.0
10
100
1.0 k
10 k
100 k
1.0 M
10 M
15
RL, LOAD RESISTANCE (Ω)
14
13
12
11
10
9.0
8.0
7.0
6.0
5.0
4.0
3.0
2.0
1.0
100
200
500 700 1.0 k
2.0 k
5.0 k 7.0 k 10 k
28
RL, LOAD RESISTANCE (kW)
26
24
22
20
18
16
14
12
10
8.0
6.0
4.0
2.0
0
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10
30 V Supply
27 V
24 V
21 V
18 V
15 V
12 V
9.0 V
6.0 V
5.0 V
–2.0
–1.0
RL, LOAD RESISTANCE (Ω)
–15
–14
–13
–12
–11
–10
–9.0
–8.0
–7.0
–6.0
–5.0
–4.0
–3.0
100
200
500
700 1.0 k
2.0 k
5.0 k
10 k
7.0 k
Figure 6. Noninverting Pulse Response
10
µs/DIV
Input
Output
Voltage Follower
THD < 5%


Similar Part No. - MC4741C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC474 ETC1-MC474 Datasheet
297Kb / 6P
   DUAL J-K FLIP-FLOP
More results

Similar Description - MC4741C

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK801 MSK-MSK801 Datasheet
234Kb / 6P
   FET INPUT DIFFERENTIAL OPERATIONAL AMPLIFIER
logo
First Components Intern...
LM324 FCI-LM324 Datasheet
53Kb / 2P
   Quad Differential Input Operational Amplifier
logo
Motorola, Inc
LM358 MOTOROLA-LM358 Datasheet
160Kb / 8P
   DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LM358 ONSEMI-LM358 Datasheet
160Kb / 16P
   DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
August, 2002 ??Rev. 11
MC3403 ONSEMI-MC3403 Datasheet
165Kb / 8P
   QUAD DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
1996 REV 5
logo
First Components Intern...
LM358 FCI-LM358 Datasheet
262Kb / 4P
   Dual Differential Input Operational Amplifiers
logo
ON Semiconductor
MC3458 ONSEMI-MC3458 Datasheet
158Kb / 8P
   DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
REV 0
logo
Texas Instruments
LMH6550 TI1-LMH6550 Datasheet
2Mb / 33P
[Old version datasheet]   Differential, High-Speed Operational Amplifier
logo
SG Micro Corp
SGM8048 SGMICRO-SGM8048 Datasheet
338Kb / 10P
   Input/Output Operational Amplifier
SGM8046 SGMICRO-SGM8046 Datasheet
340Kb / 10P
   Input/Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com