Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC4741C Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC4741C
Description  DIFFERENTIAL INPUT OPERATIONAL AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC4741C Datasheet(HTML) 5 Page - ON Semiconductor

  MC4741C Datasheet HTML 1Page - ON Semiconductor MC4741C Datasheet HTML 2Page - ON Semiconductor MC4741C Datasheet HTML 3Page - ON Semiconductor MC4741C Datasheet HTML 4Page - ON Semiconductor MC4741C Datasheet HTML 5Page - ON Semiconductor MC4741C Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MC4741C
5
MOTOROLA ANALOG IC DEVICE DATA
1/4
MC4741C
1/4
MC4741C
Figure 7. Bi–Quad Filter
Figure 8. Open Loop Voltage Gain
versus Supply Voltage
Figure 9. Transient Response Test Circuit
Figure 10. Absolute Value DVM Front End
VCC, |VEE|, SUPPLY VOLTAGES (V)
105
100
95
90
85
80
75
70
0
2.0
4.0
6.0
8.0
10
12
14
16
18
20
To Scope
(Output)
RL
CL
+
To Scope
(Input)
900 k
100 k
VCC
500 k
+
+
1/4
MC4741C
0.5
µF
1
2
MC1505
MSD6150
MSD6102
47 k
MC4741 Quad Op Amp
+
Polarity
Common Mode Adjust
1.0 k
1.0 M
VEE
Bridge Null Adjust
+
+
1/4
MC4741C
1.0 k
1.0 k
500 k
500 k
1.0 M
1
2
1
2
πRC
Vref =
VCC
+
R2
C1
Vin
Vref
Vref
Vref
Vref
R
100 k
100 k
R2
R1
R3
C1
Bandpass
Output
R = 160 k
C = 0.001
µF
R1 = 1.6 M
R2 = 1.6 M
R3 = 1.6 M
TBP = center frequency gain
TN = passband notch gain
fo =
R1 = QR
R2 =
R3 = TNR2
C1 = 10 C
fo = 1.0 kHz
Q = 10
TBP = 1
TN = 1
R1
TBP
R
C
C
Notch Output
1/4
MC4741C
1/4
MC4741C
1/4
MC4741C
1/4
MC4741C
+
+
+
For:
Where:


Similar Part No. - MC4741C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC474 ETC1-MC474 Datasheet
297Kb / 6P
DUAL J-K FLIP-FLOP
More results

Similar Description - MC4741C

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK801 MSK-MSK801 Datasheet
234Kb / 6P
FET INPUT DIFFERENTIAL OPERATIONAL AMPLIFIER
logo
First Components Intern...
LM324 FCI-LM324 Datasheet
53Kb / 2P
Quad Differential Input Operational Amplifier
logo
Motorola, Inc
LM358 MOTOROLA-LM358 Datasheet
160Kb / 8P
DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LM358 ONSEMI-LM358 Datasheet
160Kb / 16P
DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
August, 2002 ??Rev. 11
MC3403 ONSEMI-MC3403 Datasheet
165Kb / 8P
QUAD DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
1996 REV 5
logo
First Components Intern...
LM358 FCI-LM358 Datasheet
262Kb / 4P
Dual Differential Input Operational Amplifiers
logo
ON Semiconductor
MC3458 ONSEMI-MC3458 Datasheet
158Kb / 8P
DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
REV 0
logo
Texas Instruments
LMH6550 TI1-LMH6550 Datasheet
2Mb / 33P
Differential, High-Speed Operational Amplifier
logo
SG Micro Corp
SGM8048 SGMICRO-SGM8048 Datasheet
338Kb / 10P
Input/Output Operational Amplifier
SGM8046 SGMICRO-SGM8046 Datasheet
340Kb / 10P
Input/Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com