Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMDA03C Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SMDA03C
Description  TVS DIODE ARRAY FOR 3.3V BIDIRECTIONAL I/Os PROTECTION
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SMDA03C Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SMDA03C Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SMDA03C Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SMDA03C Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Shanghai Leiditech Electronic Co.,Ltd
Email: sale1@leiditech.com
Tel : +86- 021 50828806
Fax : +86- 021 50477059
SOP-08 Mechanical Data
SMDA03C
Rev :
www.leiditech.com
3/3
01.06.2015


Similar Part No. - SMDA03C

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMDA03C MCC-SMDA03C Datasheet
143Kb / 2P
   TVSarray Series
logo
Microsemi Corporation
SMDA03C MICROSEMI-SMDA03C Datasheet
103Kb / 2P
   TVSarray Series
logo
Protek Devices
SMDA03C PROTEC-SMDA03C Datasheet
84Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
logo
SeCoS Halbleitertechnol...
SMDA03C SECOS-SMDA03C Datasheet
172Kb / 2P
   Transient Voltage Suppressors
logo
Protek Devices
SMDA03C PROTEC-SMDA03C Datasheet
510Kb / 6P
   500 WATT MULTI-LINE TVS ARRAY
More results

Similar Description - SMDA03C

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SMDA33C LEIDITECH-SMDA33C Datasheet
337Kb / 3P
   TVS DIODE ARRAY FOR 3.3V BIDIRECTIONAL I/Os PROTECTION
LCDA3.3CP08 LEIDITECH-LCDA3.3CP08 Datasheet
257Kb / 3P
   TVS DIODE ARRAY FOR 3.3V BIDIRECTIONAL I/Os PROTECTION
TPD2E007DCKR LEIDITECH-TPD2E007DCKR Datasheet
334Kb / 3P
   BIDIRECTIONAL TVS DIODE ARRAY FOR LATCH-UP PROTECTION
Rev : 01.06.2014
logo
StarHope
TESD03G2U SPSEMI-TESD03G2U Datasheet
506Kb / 3P
   BIDIRECTIONAL TVS DIODE ARRAY FOR LATCH-UP PROTECTION
TESD03G2B SPSEMI-TESD03G2B Datasheet
459Kb / 3P
   BIDIRECTIONAL TVS DIODE ARRAY FOR LATCH-UP PROTECTION
logo
Shanghai Leiditech Elec...
SMC15Q LEIDITECH-SMC15Q Datasheet
608Kb / 3P
   BIDIRECTIONAL TVS DIODE ARRAY FOR LATCH-UP PROTECTION
logo
Littelfuse
SP1004 LITTELFUSE-SP1004 Datasheet
734Kb / 6P
   5pF Bidirectional TVS Array for ESD Protection
logo
Rectron Semiconductor
TEPMXXC RECTRON-TEPMXXC Datasheet
250Kb / 5P
   Bidirectional TVS Diode Array
TEPMXXCM RECTRON-TEPMXXCM Datasheet
132Kb / 4P
   Bidirectional TVS Diode Array
TEPMXXMC RECTRON-TEPMXXMC Datasheet
186Kb / 4P
   Bidirectional TVS Diode Array
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com