Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTA-1000G Datasheet(PDF) 4 Page - Lite-On Technology Corporation

Part # LTA-1000G
Description  RECTANGULAR LIGHT BAR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTA-1000G Datasheet(HTML) 4 Page - Lite-On Technology Corporation

  LTA-1000G Datasheet HTML 1Page - Lite-On Technology Corporation LTA-1000G Datasheet HTML 2Page - Lite-On Technology Corporation LTA-1000G Datasheet HTML 3Page - Lite-On Technology Corporation LTA-1000G Datasheet HTML 4Page - Lite-On Technology Corporation LTA-1000G Datasheet HTML 5Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
 
  
 

    
 !"#$



5&,'(('3)*'+&,&.9&+*
?
9
&)D,5),2/,,&+*&,&.9&+*
;  /*11-0& 9(/0(& '2*%=
9
+*'+//(,5),2/,,&+*&,&.9&+*
&,)*'+.'+&),,9: &,&.9&+*
:

9
9
&4&,(&E0*).&&,&.9&+*

E
3&,)*'+.&93&,)*/,&)+.&
*F@
*,).&&93&,)*/,&)+.&
*F@
02&,&93&,)*/,&9)G:> ,9)G(&-)* >996&05(&)*'+.30)+&
%&!"#$

       
4&,).&/9'+/(+*&+('*1

 :
µ-2
H 9
&)D9'(('+ )4&0&+.*%
λ3
>
+9
H:9
3&-*,)0'+&)0 '2*%
∆λ

+9
H:9
9'+)+* )4&0&+.*%
λ2
>A
+9
H:9
,5),2E0*).&&,&.9&+*
E
:
:>
E
H:9
&4&,(&/,,&+*&,&.9&+*

µEHE
/9'+/(+*&+('*1)*-%'+.)*'
 9
:
H 9
*& /9'+/( '+*&+('*1 '( 9&)(/,&2 5'*% ) 0'.%* (&+(, )+2 '0*&, -96'+)*'+ *%)*
)33,G'9)*&(*%&;99'('++*&,+)*'+)0&&I-0)',).&=&1& ,&(3+(&-/,4&


Similar Part No. - LTA-1000G

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTA-1000G-04 LITEON-LTA-1000G-04 Datasheet
356Kb / 6P
LED Display
LTA-1000G-NB LITEON-LTA-1000G-NB Datasheet
345Kb / 6P
LED Display
More results

Similar Description - LTA-1000G

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTL-2755Y LITEON-LTL-2755Y Datasheet
136Kb / 5P
RECTANGULAR LIGHT BAR
LTL-2800G LITEON-LTL-2800G Datasheet
139Kb / 5P
RECTANGULAR LIGHT BAR
LTL-2885G LITEON-LTL-2885G Datasheet
317Kb / 5P
Rectangular light bar
LTL-57173HR LITEON-LTL-57173HR Datasheet
134Kb / 5P
RECTANGULAR LIGHT BAR
LTL-2450Y LITEON-LTL-2450Y Datasheet
135Kb / 5P
RECTANGULAR LIGHT BAR
LTL-2685HR LITEON-LTL-2685HR Datasheet
143Kb / 5P
RECTANGULAR LIGHT BAR
LTL-2855G LITEON-LTL-2855G Datasheet
137Kb / 5P
RECTANGULAR LIGHT BAR
logo
P-tec Corporation
PB71-LBRG13 P-TEC-PB71-LBRG13 Datasheet
26Kb / 1P
13.97 x 7.49mm Rectangular Light Bar
PB71-LBRY01 P-TEC-PB71-LBRY01 Datasheet
26Kb / 1P
13.97 x 7.49mm Rectangular Light Bar
PB71-LBRR12 P-TEC-PB71-LBRR12 Datasheet
26Kb / 1P
13.97 x 7.49mm Rectangular Light Bar
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com