Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QC816F125CH Datasheet(PDF) 1 Page - Schneider Electric

Part # QC816F125CH
Description  METER MAIN RINGLESS HORN OH/UG 125A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

QC816F125CH Datasheet(HTML) 1 Page - Schneider Electric

  QC816F125CH Datasheet HTML 1Page - Schneider Electric QC816F125CH Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
QC816F125CH
METER MAIN RINGLESS HORN OH/UG 125A
Price** : 1,356.00 USD
Discontinued
QC816F125CH has not been replaced. Please contact your
customer care center for more information.
Main
Product or component type
Meter Mains
Range of product
QO
Complementary
Line Rated Current
125 A
Short-circuit current
22 kA
Network number of phases
1
Meter socket type
Ringless
Mounting
Surface outdoor)
Number of spaces
8
Number of circuits
16
Number of Tandem Breakers
8
Hub type
A
Electrical connection
Feed-thru lugs service ground
Feed-thru lugs line side
Wire Size
AWG 12...AWG 2/0 aluminium)service ground
AWG 6...350 kcmil aluminium/copper)line side
AWG 14...AWG 2/0 copper)service ground
Disconnect
Service disconnect (factory installed)
Main Breaker Rating
125 A
Service feed location
OH
UG
Bypass type
Horn bypass
Depth
5.07 in (128.78 mm)
Width
14.37 in (365.00 mm)
Height
35.15 in (892.81 mm)
Environment
Product certifications
UL E-6294
Mar 30, 2020
1


Similar Part No. - QC816F125CH

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QC816F125C SCHNEIDER-QC816F125C Datasheet
89Kb / 2P
METER MAIN RINGLESS OH/UG 125A
More results

Similar Description - QC816F125CH

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QC12L200CH SCHNEIDER-QC12L200CH Datasheet
57Kb / 2P
METER MAIN RINGLESS HORN OH/UG 200A
QC816F100CH SCHNEIDER-QC816F100CH Datasheet
113Kb / 2P
METER MAIN RINGLESS HORN OH/UG 100A
QC816F125C SCHNEIDER-QC816F125C Datasheet
89Kb / 2P
METER MAIN RINGLESS OH/UG 125A
QC816F150CH SCHNEIDER-QC816F150CH Datasheet
105Kb / 2P
METER MAIN RINGLESS HORN OH/UG 150A
QC816F200CH SCHNEIDER-QC816F200CH Datasheet
92Kb / 2P
METER MAIN RINGLESS HORN OH/UG 200A
RC8L125S SCHNEIDER-RC8L125S Datasheet
114Kb / 2P
METER MAIN RINGLESS OH/UG 125A
RC12L200CH SCHNEIDER-RC12L200CH Datasheet
57Kb / 2P
METER MAIN RINGLESS HORN OH/UG 200A
RC816F125CH SCHNEIDER-RC816F125CH Datasheet
94Kb / 2P
METER MAIN RINGLESS HORN OH/UG 125A
RC816F150CH SCHNEIDER-RC816F150CH Datasheet
93Kb / 2P
METER MAIN RINGLESS HORN OH/UG 150A
RC816F200CH SCHNEIDER-RC816F200CH Datasheet
108Kb / 2P
METER MAIN RINGLESS HORN OH/UG 200A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com