| Electronic Components Datasheet Search |
|
AM6548 Datasheet(PDF) 180 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM6548 Datasheet(HTML) 180 Page - Texas Instruments |
|
180 / 277 page ![]() GPMC_CLK GPMC_CSn[x] GPMC_A[27:17] GPMC_BE1n BPMC_BE0n_CLE GPMC_ADVn_ALE GPMC_WEn GPMC_WAIT[x] Address (LSB) D 0 D 1 D 2 D 3 F4 F15 F15 F15 F1 F1 F2 F6 F8 F8 F0 F3 F17 F17 F17 F9 F6 F17 F17 F17 F18 F20 F14 F22 F21 Address (MSB) GPMC_AD[15:0] F14 GPMC_05 180 AM6548, AM6528, AM6546 AM6526, AM6527 SPRSP08I – NOVEMBER 2017 – REVISED DECEMBER 2019 www.ti.com Submit Documentation Feedback Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527 Specifications Copyright © 2017–2019, Texas Instruments Incorporated A. In GPMC_CSn[x], x is equal to 0, 1, 2 or 3. B. In GPMC_WAIT[x], x is equal to 0 or 1. Figure 5-48. GPMC and Multiplexed NOR Flash—Synchronous Burst Write 5.9.5.10.2 GPMC and NOR Flash—Asynchronous Mode Table 5-54 and Table 5-55 assume testing over the recommended operating conditions and electrical characteristic conditions below (see Figure 5-49 through Figure 5-54). Table 5-54. GPMC and NOR Flash Timing Requirements—Asynchronous Mode NO. PARAMETER DESCRIPTION MODE MIN MAX UNIT FA5(1) tacc(d) Data access time div_by_1_mode; GPMC_FCLK_MUX_133; TIMEPARAGRANULARITY_X1 H (5) ns FA20(2) tacc1-pgmode(d) Page mode successive data access time div_by_1_mode; GPMC_FCLK_MUX_133; TIMEPARAGRANULARITY_X1 P (4) ns FA21(1) tacc2-pgmode(d) Page mode first data access time div_by_1_mode; GPMC_FCLK_MUX_133; TIMEPARAGRANULARITY_X1 H (5) ns (1) The FA5 parameter illustrates the amount of time required to internally sample input data. It is expressed in number of GPMC functional clock cycles. From start of read cycle and after FA5 functional clock cycles, input data is internally sampled by active functional clock edge. FA5 value must be stored inside the AccessTime register bit field. (2) The FA20 prameter illustrates amount of time required to internally sample successive input page data. It is expressed in number of GPMC functional clock cycles. After each access to input page data, next input page data is internally sampled by active functional clock edge after FA20 functional clock cycles. The FA20 value must be stored in the PageBurstAccessTime register bit field. (3) The FA21 parameter illustrates amount of time required to internally sample first input page data. It is expressed in number of GPMC functional clock cycles. From start of read cycle and after FA21 functional clock cycles, first input page data is internally sampled by active functional clock edge. FA21 value must be stored inside the AccessTime register bit field. (4) P = PageBurstAccessTime × (TimeParaGranularity + 1) × GPMC_FCLK(6) (5) H = AccessTime × (TimeParaGranularity + 1) × GPMC_FCLK(6) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |