Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERN1387 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ERN1387
Description  Rotary Encoders with Plane-Surface Coupling for Elevator Servo Drive Control
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ERN1387 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ERN1387 Datasheet HTML 1Page - List of Unclassifed Manufacturers ERN1387 Datasheet HTML 2Page - List of Unclassifed Manufacturers ERN1387 Datasheet HTML 3Page - List of Unclassifed Manufacturers ERN1387 Datasheet HTML 4Page - List of Unclassifed Manufacturers ERN1387 Datasheet HTML 5Page - List of Unclassifed Manufacturers ERN1387 Datasheet HTML 6Page - List of Unclassifed Manufacturers ERN1387 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Product Information ECN 1313/ECN 1325/ERN 1387
7/2017
2
ECN/ERN 1300 series
Rotary encoders with integral bearings for elevator technology
• Simple installation
• Rigid shaft coupling
• Plane-surface coupling for large mounting tolerances
• Uniform dimensions for various electrical interfaces
 = Bearing of mating shaft
 = Bearing of encoder
 = Required mating dimensions
 = Measuring point for operating temperature
1 = Screw plug, width A/F 3 and 4. Tightening torque: 5+0.5 Nm
2 = PCB connector
3 = Self-tightening screw M5 x 50 DIN 6912 width A/F 4, tightening torque 5+0.5 Nm
4 = M10 back-off thread
5 = M6 back-off thread
6 = Max. permissible tolerance during motor shaft rotation ±1.5 mm
7 = Max. permissible static radial offset of motor shaft in indicated direction ±0.13 mm
8 = Direction of shaft rotation for output signals as per the interface description


Similar Part No. - ERN1387

ManufacturerPart #DatasheetDescription
logo
LEMO Connectors
ERN.0A.250.NTL LEMO-ERN.0A.250.NTL Datasheet
98Kb / 4P
Socket / Receptacle - Fixed Panel Front Mounted
ERN.0A.275.NTL LEMO-ERN.0A.275.NTL Datasheet
94Kb / 4P
Socket / Receptacle - Fixed Panel Front Mounted
More results

Similar Description - ERN1387

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ETH001V1 STMICROELECTRONICS-STEVAL-ETH001V1 Datasheet
3Mb / 12P
Servo drive solution for multi-axial position control with Ethernet real-time
Rev 1 - April 2021
logo
CTS Corporation
288 CTS-288 Datasheet
523Kb / 4P
16 mm Rotary Encoders
logo
Panasonic Semiconductor
EVQWK PANASONIC-EVQWK Datasheet
93Kb / 2P
Edge Drive Jog Encoders Tactile rotary operation and push operation
logo
Mitsubishi Electric Sem...
M51660L MITSUBISHI-M51660L Datasheet
75Kb / 4P
SERVO MOTOR CONTROL FOR RADIO CONTROL
logo
Festo Corporation.
CMMT-AS-C2-3A-EC-S1 FESTO-CMMT-AS-C2-3A-EC-S1 Datasheet
84Kb / 4P
Servo drive
CMMT-AS-C2-3A-PN-S1 FESTO-CMMT-AS-C2-3A-PN-S1 Datasheet
84Kb / 4P
Servo drive
CMMT-ST-C8-1C-EP-S0 FESTO-CMMT-ST-C8-1C-EP-S0 Datasheet
80Kb / 3P
Servo drive
CMMT-ST-C8-1C-PN-S0 FESTO-CMMT-ST-C8-1C-PN-S0 Datasheet
80Kb / 3P
Servo drive
CMMT-AS-C7-11A-P3-PN-S1 FESTO-CMMT-AS-C7-11A-P3-PN-S1 Datasheet
83Kb / 4P
Servo drive
CMMT-AS-C2-3A-EP-S1 FESTO-CMMT-AS-C2-3A-EP-S1 Datasheet
84Kb / 4P
Servo drive
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com