Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERN1387 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ERN1387
Description  Rotary Encoders with Plane-Surface Coupling for Elevator Servo Drive Control
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ERN1387 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ERN1387 Datasheet HTML 1Page - List of Unclassifed Manufacturers ERN1387 Datasheet HTML 2Page - List of Unclassifed Manufacturers ERN1387 Datasheet HTML 3Page - List of Unclassifed Manufacturers ERN1387 Datasheet HTML 4Page - List of Unclassifed Manufacturers ERN1387 Datasheet HTML 5Page - List of Unclassifed Manufacturers ERN1387 Datasheet HTML 6Page - List of Unclassifed Manufacturers ERN1387 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Product Information ECN 1313/ECN 1325/ERN 1387
7/2017
3
Absolute
Incremental
ECN 1325
ECN 1313
ERN 1387
Part number
683643-xx
768295-xx
749146-xx
Interface1)
EnDat 2.2
 1 VPP
Ordering designation
EnDat22
EnDat01
Position values/revolution
33554432 (25 bits)
8192 (13 bits)
Z1 track
3)
Electrically permissible
speed/error
2)
15000 rpm
(for continuous position value)
 1500 rpm/±1 LSB
12000 rpm/±50 LSB
Calculation time tcal
Clock frequency
7 µs

9 µs

Incremental signals1)
 1 VPP
 1 VPP
Line count/system accuracy
2048/±20“
Reference mark
One
Cutoff frequency –3 dB
 400 kHz
 210 kHz
Electrical connection
Via PCB connector
Rotary encoder: 12-pin
Temperature sensor
4): 4-pin
12-pin
14-pin
Voltage supply
DC 3.6 V to 14 V
DC 5 V ±0.25 V
Power consumption
1)
(maximum)
3.6 V:  600 mW
14 V:  700 mW
Current consumption
5 V: 85 mA (typical, without load)
 130 mA (without load)
Stator coupling
Plane-surface coupling
Shaft
Taper shaft  9.25 mm; taper 1:10
Mech. permiss. speed n
2000 rpm
Starting torque
0.01 Nm (at 20 °C)
Moment of inertia of rotor
2.6 · 10
–6 kgm2
Permissible axial motion of
measured shaft5)
±1.5 mm
Radial runout of the
measured shaft
0.13 mm
Vibration 55 Hz to 2000 Hz
Shock 6 ms
 300 m/s
2 6) (EN 60068-2-6)
 2000 m/s
2 (EN 60068-2-27)
Operating temperature
–40 °C to +115 °C
–40 °C to +120 °C
Protection EN 60529
IP40 when mounted
Mass
 0.25 kg
1) See Interfaces of HEIDENHAIN Encoders brochure
2) Velocity-dependent deviations between the absolute value and incremental signals
3) One sine and one cosine signal per revolution
4) Evaluation optimized for KTY 84-130
5) Compensation of mounting tolerances and thermal expansion, not dynamic motion
6) As per standard for room temperature; for operating temperature
Up to +100 °C:  300 m/s
2
Up to +115 °C or +120 °C:  150 m/s
2


Similar Part No. - ERN1387

ManufacturerPart #DatasheetDescription
logo
LEMO Connectors
ERN.0A.250.NTL LEMO-ERN.0A.250.NTL Datasheet
98Kb / 4P
Socket / Receptacle - Fixed Panel Front Mounted
ERN.0A.275.NTL LEMO-ERN.0A.275.NTL Datasheet
94Kb / 4P
Socket / Receptacle - Fixed Panel Front Mounted
More results

Similar Description - ERN1387

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51660L MITSUBISHI-M51660L Datasheet
75Kb / 4P
SERVO MOTOR CONTROL FOR RADIO CONTROL
logo
CTS Corporation
288 CTS-288 Datasheet
523Kb / 4P
16 mm Rotary Encoders
logo
Panasonic Semiconductor
EVQWK PANASONIC-EVQWK Datasheet
93Kb / 2P
Edge Drive Jog Encoders Tactile rotary operation and push operation
logo
Festo Corporation.
CMMT-AS-C2-3A-EC-S1 FESTO-CMMT-AS-C2-3A-EC-S1 Datasheet
84Kb / 4P
Servo drive
CMMT-AS-C2-3A-EP-S1 FESTO-CMMT-AS-C2-3A-EP-S1 Datasheet
84Kb / 4P
Servo drive
CMMT-AS-C2-3A-PN-S1 FESTO-CMMT-AS-C2-3A-PN-S1 Datasheet
84Kb / 4P
Servo drive
CMMT-AS-C7-11A-P3-PN-S1 FESTO-CMMT-AS-C7-11A-P3-PN-S1 Datasheet
83Kb / 4P
Servo drive
CMMT-ST-C8-1C-EP-S0 FESTO-CMMT-ST-C8-1C-EP-S0 Datasheet
80Kb / 3P
Servo drive
CMMT-ST-C8-1C-PN-S0 FESTO-CMMT-ST-C8-1C-PN-S0 Datasheet
80Kb / 3P
Servo drive
logo
STMicroelectronics
STEVAL-ETH001V1 STMICROELECTRONICS-STEVAL-ETH001V1 Datasheet
3Mb / 12P
Servo drive solution for multi-axial position control with Ethernet real-time
Rev 1 - April 2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com