Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERN1387 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # ERN1387
Description  Rotary Encoders with Plane-Surface Coupling for Elevator Servo Drive Control
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ERN1387 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  ERN1387 Datasheet HTML 1Page - List of Unclassifed Manufacturers ERN1387 Datasheet HTML 2Page - List of Unclassifed Manufacturers ERN1387 Datasheet HTML 3Page - List of Unclassifed Manufacturers ERN1387 Datasheet HTML 4Page - List of Unclassifed Manufacturers ERN1387 Datasheet HTML 5Page - List of Unclassifed Manufacturers ERN1387 Datasheet HTML 6Page - List of Unclassifed Manufacturers ERN1387 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Product Information ECN 1313/ECN 1325/ERN 1387
7/2017
5
ERN 1387 pin layout
17-pin coupling or
flange socket M23
14-pin PCB connector
Voltage supply
Incremental signals
71
10
4
11
15
16
12
13
3
2
1b
7a
5b
3a
/
6b
2a
3b
5a
4b
4a
UP
Sensor
UP
0 V
Sensor
0 V
Internal
shield
A+
A–
B+
B–
R+
R–
Brown/
Green
Blue
White/
Green
White
/
Green/
Black
Yellow/
Black
Blue/Black Red/Black
Red
Black
Other signals
14
17
985
6
7b
1a
2b
6a
/
/
C+
C–
D+
D–
T+
1)
T–
1)
Gray
Pink
Yellow
Violet
Green
Brown
Cable shield connected to housing;
UP = Power supply; T = Temperature
Sensor: The sensor line is connected internally with the corresponding power line.
Vacant pins or wires must not be used.
1) Only for cables inside the motor housing


Similar Description - ERN1387

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ETH001V1 STMICROELECTRONICS-STEVAL-ETH001V1 Datasheet
3Mb / 12P
   Servo drive solution for multi-axial position control with Ethernet real-time
Rev 1 - April 2021
logo
CTS Corporation
288 CTS-288 Datasheet
523Kb / 4P
   16 mm Rotary Encoders
logo
Panasonic Semiconductor
EVQWK PANASONIC-EVQWK Datasheet
93Kb / 2P
   Edge Drive Jog Encoders Tactile rotary operation and push operation
logo
Mitsubishi Electric Sem...
M51660L MITSUBISHI-M51660L Datasheet
75Kb / 4P
   SERVO MOTOR CONTROL FOR RADIO CONTROL
logo
Festo Corporation.
CMMT-AS-C2-3A-EC-S1 FESTO-CMMT-AS-C2-3A-EC-S1 Datasheet
84Kb / 4P
   Servo drive
CMMT-AS-C2-3A-PN-S1 FESTO-CMMT-AS-C2-3A-PN-S1 Datasheet
84Kb / 4P
   Servo drive
CMMT-ST-C8-1C-EP-S0 FESTO-CMMT-ST-C8-1C-EP-S0 Datasheet
80Kb / 3P
   Servo drive
CMMT-ST-C8-1C-PN-S0 FESTO-CMMT-ST-C8-1C-PN-S0 Datasheet
80Kb / 3P
   Servo drive
CMMT-AS-C7-11A-P3-PN-S1 FESTO-CMMT-AS-C7-11A-P3-PN-S1 Datasheet
83Kb / 4P
   Servo drive
CMMT-AS-C2-3A-EP-S1 FESTO-CMMT-AS-C2-3A-EP-S1 Datasheet
84Kb / 4P
   Servo drive
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com