Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERN1387 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # ERN1387
Description  Rotary Encoders with Plane-Surface Coupling for Elevator Servo Drive Control
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ERN1387 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  ERN1387 Datasheet HTML 1Page - List of Unclassifed Manufacturers ERN1387 Datasheet HTML 2Page - List of Unclassifed Manufacturers ERN1387 Datasheet HTML 3Page - List of Unclassifed Manufacturers ERN1387 Datasheet HTML 4Page - List of Unclassifed Manufacturers ERN1387 Datasheet HTML 5Page - List of Unclassifed Manufacturers ERN1387 Datasheet HTML 6Page - List of Unclassifed Manufacturers ERN1387 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Product Information ECN 1313/ECN 1325/ERN 1387
7/2017
6
HEIDENHAIN measuring equipment
PWM 20
Together with the ATS adjusting and
testing software, the PWM 20 phase angle
measuring unit serves for diagnosis and
adjustment of HEIDENHAIN encoders.
PWM 20
Encoder input
• EnDat 2.1 or EnDat 2.2 (absolute value with or without
incremental signals)
• DRIVE-CLiQ
• Fanuc Serial Interface
• Mitsubishi high speed interface
• Yaskawa Serial Interface
• Panasonic serial interface
• SSI
• 1 VPP/TTL/11 µAPP
• HTL (via signal adapter)
Interface
USB 2.0
Voltage supply
AC 100 V to 240 V or DC 24 V
Dimensions
258 mm x 154 mm x 55 mm
ATS
Languages
Choice between English and German
Functions
• Position display
• Connection dialog
• Diagnostics
• Mounting wizard for EBI/ECI/EQI, LIP 200, LIC 4000
and others
• Additional functions (if supported by the encoder)
• Memory contents
System requirements
and recommendations
PC (dual-core processor > 2 GHz)
RAM > 2 GB
Operating system: Windows XP, Vista, 7, 8, 10 (32-bit/64-bit)
200 MB free space on hard disk
DRIVE-CLiQ is a registered trademark of SIEMENS AG.
For more information, see the PWM 20/
ATS Software Product Information
document.


Similar Description - ERN1387

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ETH001V1 STMICROELECTRONICS-STEVAL-ETH001V1 Datasheet
3Mb / 12P
   Servo drive solution for multi-axial position control with Ethernet real-time
Rev 1 - April 2021
logo
CTS Corporation
288 CTS-288 Datasheet
523Kb / 4P
   16 mm Rotary Encoders
logo
Panasonic Semiconductor
EVQWK PANASONIC-EVQWK Datasheet
93Kb / 2P
   Edge Drive Jog Encoders Tactile rotary operation and push operation
logo
Mitsubishi Electric Sem...
M51660L MITSUBISHI-M51660L Datasheet
75Kb / 4P
   SERVO MOTOR CONTROL FOR RADIO CONTROL
logo
Festo Corporation.
CMMT-AS-C2-3A-EC-S1 FESTO-CMMT-AS-C2-3A-EC-S1 Datasheet
84Kb / 4P
   Servo drive
CMMT-AS-C2-3A-PN-S1 FESTO-CMMT-AS-C2-3A-PN-S1 Datasheet
84Kb / 4P
   Servo drive
CMMT-ST-C8-1C-EP-S0 FESTO-CMMT-ST-C8-1C-EP-S0 Datasheet
80Kb / 3P
   Servo drive
CMMT-ST-C8-1C-PN-S0 FESTO-CMMT-ST-C8-1C-PN-S0 Datasheet
80Kb / 3P
   Servo drive
CMMT-AS-C7-11A-P3-PN-S1 FESTO-CMMT-AS-C7-11A-P3-PN-S1 Datasheet
83Kb / 4P
   Servo drive
CMMT-AS-C2-3A-EP-S1 FESTO-CMMT-AS-C2-3A-EP-S1 Datasheet
84Kb / 4P
   Servo drive
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com