Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERN1387 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ERN1387
Description  Rotary Encoders with Plane-Surface Coupling for Elevator Servo Drive Control
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ERN1387 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  ERN1387 Datasheet HTML 1Page - List of Unclassifed Manufacturers ERN1387 Datasheet HTML 2Page - List of Unclassifed Manufacturers ERN1387 Datasheet HTML 3Page - List of Unclassifed Manufacturers ERN1387 Datasheet HTML 4Page - List of Unclassifed Manufacturers ERN1387 Datasheet HTML 5Page - List of Unclassifed Manufacturers ERN1387 Datasheet HTML 6Page - List of Unclassifed Manufacturers ERN1387 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
DR. JOHANNES HEIDENHAIN GmbH
Dr.-Johannes-Heidenhain-Straße 5
83301 Traunreut, Germany
{ +49 8669 31-0
| +49 8669 32-5061
E-mail: info@heidenhain.de
www.heidenhain.de
1085677 · 03 · A · 02 · 7/2017 · PDF
AGK ERN 1387 Ø 4.5 mm PUR (with shield crimping Ø 6 mm);
PCB connector (with shield strain relief, 14-pin/D-sub connector
(male), 15-pin incl. three 14-pin adapter connectors
2 m
2 x
AWG
30/7
1118892-02
AGK ECI 11xx/ECI 13xx/EQI 11xx/EQI 13xx/ExN 11xx/
ExN 13xx, Ø 4.5 mm EPG (with Ø 6 mm shield crimping;
PCB connector with strain relief, 12-pin/D-sub connector (male),
15-pin incl. 3 adapter connectors, 12-pin and 3 adapter connectors,
15-pin
2 m
2 x
AWG
30/7
621742-01
Test cable for connection to PWM 20/PWT 100
This Product Information supersedes all previous editions, which thereby become invalid.
The basis for ordering from HEIDENHAIN is always the Product Information document
edition valid when the order is made.
For more information:
Comply with the requirements described in the following documents to ensure the
correct operation of the encoder:
• Brochure: Position Encoders for Servo Drives
• Brochure: Rotary Encoders
• Brochure: Interfaces of HEIDENHAIN Encoders
PWT 100
The PWT 100 is a testing device for
checking the function and adjustment of
incremental and absolute HEIDENHAIN
encoders.Thanks to its compact dimensions
and robust design, the PWT 100 is ideal for
mobile use.
You can find more information in the
Product Information PWT 100.
PWT 100
Encoder input
Only for HEIDENHAIN
encoders
• EnDat
• Fanuc Serial Interface
• Mitsubishi High Speed Interface
• Panasonic Serial Interface
• Yaskawa Serial Interface
• 1 VPP
• 11 µAPP
• TTL
Display
4.3” color flat-panel display (touch screen)
Voltage supply
DC 24 V
Power consumption: max. 15 W
Operating temperature
0 °C to 40 °C
Protection EN 60 529
IP20
Dimensions
 145 mm x 85 mm x 35 mm


Similar Part No. - ERN1387

ManufacturerPart #DatasheetDescription
logo
LEMO Connectors
ERN.0A.250.NTL LEMO-ERN.0A.250.NTL Datasheet
98Kb / 4P
Socket / Receptacle - Fixed Panel Front Mounted
ERN.0A.275.NTL LEMO-ERN.0A.275.NTL Datasheet
94Kb / 4P
Socket / Receptacle - Fixed Panel Front Mounted
More results

Similar Description - ERN1387

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51660L MITSUBISHI-M51660L Datasheet
75Kb / 4P
SERVO MOTOR CONTROL FOR RADIO CONTROL
logo
CTS Corporation
288 CTS-288 Datasheet
523Kb / 4P
16 mm Rotary Encoders
logo
Panasonic Semiconductor
EVQWK PANASONIC-EVQWK Datasheet
93Kb / 2P
Edge Drive Jog Encoders Tactile rotary operation and push operation
logo
Festo Corporation.
CMMT-AS-C2-3A-EC-S1 FESTO-CMMT-AS-C2-3A-EC-S1 Datasheet
84Kb / 4P
Servo drive
CMMT-AS-C2-3A-EP-S1 FESTO-CMMT-AS-C2-3A-EP-S1 Datasheet
84Kb / 4P
Servo drive
CMMT-AS-C2-3A-PN-S1 FESTO-CMMT-AS-C2-3A-PN-S1 Datasheet
84Kb / 4P
Servo drive
CMMT-AS-C7-11A-P3-PN-S1 FESTO-CMMT-AS-C7-11A-P3-PN-S1 Datasheet
83Kb / 4P
Servo drive
CMMT-ST-C8-1C-EP-S0 FESTO-CMMT-ST-C8-1C-EP-S0 Datasheet
80Kb / 3P
Servo drive
CMMT-ST-C8-1C-PN-S0 FESTO-CMMT-ST-C8-1C-PN-S0 Datasheet
80Kb / 3P
Servo drive
logo
STMicroelectronics
STEVAL-ETH001V1 STMICROELECTRONICS-STEVAL-ETH001V1 Datasheet
3Mb / 12P
Servo drive solution for multi-axial position control with Ethernet real-time
Rev 1 - April 2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com