Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTL8111F-CG Datasheet(PDF) 10 Page - Realtek Semiconductor Corp.

Part # RTL8111F-CG
Description  INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS APPLICATIONS
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL8111F-CG Datasheet(HTML) 10 Page - Realtek Semiconductor Corp.

Back Button RTL8111F-CG Datasheet HTML 6Page - Realtek Semiconductor Corp. RTL8111F-CG Datasheet HTML 7Page - Realtek Semiconductor Corp. RTL8111F-CG Datasheet HTML 8Page - Realtek Semiconductor Corp. RTL8111F-CG Datasheet HTML 9Page - Realtek Semiconductor Corp. RTL8111F-CG Datasheet HTML 10Page - Realtek Semiconductor Corp. RTL8111F-CG Datasheet HTML 11Page - Realtek Semiconductor Corp. RTL8111F-CG Datasheet HTML 12Page - Realtek Semiconductor Corp. RTL8111F-CG Datasheet HTML 13Page - Realtek Semiconductor Corp. RTL8111F-CG Datasheet HTML 14Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
RTL8111F
Datasheet
Integrated Gigabit Ethernet Controller for PCI Express
5
Track ID: JATR-2265-11
Rev. 1.1
5. Pin Descriptions
The signal type codes below are used in the following tables:
I: Input
S/T/S: Sustained Tri-State
O: Output
O/D: Open Drain
T/S: Tri-State bi-directional input/output pin
P: Power
5.1. Power Management/Isolation
Table 1.
Power Management/Isolation
Symbol
Type
Pin No
Description
LANWAKEB
O/D
28
Power Management Event: Open drain, active low.
Used to reactivate the PCI Express slot’s main power rails and reference clocks.
Refer to the reference schematic for strapping pin information.
All strapping pins are power-on-latch pins.
ISOLATEB
I
26
Isolate Pin: Active low.
Used to isolate the RTL8111F from the PCI Express bus. The RTL8111F will not
drive its PCI Express outputs (excluding LANWAKEB) and will not sample its
PCI Express input as long as the Isolate pin is asserted.
5.2. PCI Express Interface
Table 2.
PCI Express Interface
Symbol
Type
Pin No
Description
REFCLK_P
I
19
REFCLK_N
I
20
PCI Express Differential Reference Clock Source: 100MHz ± 300ppm.
HSOP
O
22
HSON
O
23
PCI Express Transmit Differential Pair.
HSIP
I
17
HSIN
I
18
PCI Express Receive Differential Pair.
PERSTB
I
25
PCI Express Reset Signal: Active low.
When the PERSTB is asserted at power-on state, the RTL8111F returns to a
pre-defined reset state and is ready for initialization and configuration after the
de-assertion of the PERSTB.
CLKREQB
O/D
16
Reference Clock Request Signal.
This signal is used by the RTL8111F to request starting of the PCI Express
reference clock.
Refer to the reference schematic for strapping pin information.
All strapping pins are power-on-latch pins.


Similar Part No. - RTL8111F-CG

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8111 REALTEK-RTL8111 Datasheet
924Kb / 29P
   INTEGRATED GIGABIT ETHERNET CONTROLLER
RTL8111-LF REALTEK-RTL8111-LF Datasheet
924Kb / 29P
   INTEGRATED GIGABIT ETHERNET CONTROLLER
RTL8111B REALTEK-RTL8111B Datasheet
647Kb / 75P
   INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS APPLICATIONS
RTL8111B-GR REALTEK-RTL8111B-GR Datasheet
539Kb / 29P
   INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
RTL8111C REALTEK-RTL8111C Datasheet
578Kb / 42P
   INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
More results

Similar Description - RTL8111F-CG

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RTL8111E-VB-GR RICHTEK-RTL8111E-VB-GR Datasheet
592Kb / 39P
   INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS APPLICATIONS
Rev. 1.5 22 July 2010
logo
Realtek Semiconductor C...
RTL8111D-GR REALTEK-RTL8111D-GR Datasheet
1Mb / 45P
   INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS APPLICATIONS
RTL8111B-GR REALTEK-RTL8111B-GR Datasheet
539Kb / 29P
   INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
RTL8111C-GR REALTEK-RTL8111C-GR Datasheet
578Kb / 42P
   INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
RTL8111B REALTEK-RTL8111B Datasheet
647Kb / 75P
   INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS APPLICATIONS
logo
List of Unclassifed Man...
RTL8168 ETC1-RTL8168 Datasheet
9Mb / 32P
   INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS TM
logo
Realtek Semiconductor C...
RTL8101E-GR REALTEK-RTL8101E-GR_06 Datasheet
498Kb / 27P
   INTEGRATED FAST ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
RTL8100E REALTEK-RTL8100E Datasheet
532Kb / 28P
   INTEGRATED FAST ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
RTL8101E-GR REALTEK-RTL8101E-GR Datasheet
563Kb / 28P
   INTEGRATED FAST ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
RTL8102E-GR REALTEK-RTL8102E-GR Datasheet
588Kb / 41P
   INTEGRATED FAST ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com