Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8S Datasheet(PDF) 111 Page - STMicroelectronics

Part # STM8S
Description  STM8S Series and STM8AF Series 8-bit microcontrollers
PDF  467 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S Datasheet(HTML) 111 Page - STMicroelectronics

Back Button STM8S Datasheet HTML 107Page - STMicroelectronics STM8S Datasheet HTML 108Page - STMicroelectronics STM8S Datasheet HTML 109Page - STMicroelectronics STM8S Datasheet HTML 110Page - STMicroelectronics STM8S Datasheet HTML 111Page - STMicroelectronics STM8S Datasheet HTML 112Page - STMicroelectronics STM8S Datasheet HTML 113Page - STMicroelectronics STM8S Datasheet HTML 114Page - STMicroelectronics STM8S Datasheet HTML 115Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 467 page
background image
DocID14587 Rev 14
111/467
RM0016
General purpose I/O ports (GPIO)
113
11.9
GPIO registers
The bit of each port register drives the corresponding pin of the port.
11.9.1
Port x output data register (Px_ODR)
Address offset: 0x00
Reset value: 0x00
11.9.2
Port x pin input register (Px_IDR)
Address offset: 0x01
Reset value: 0xXX
Note:
Px_IDR reset value depends on the external circuitry.
7
654
3210
ODR7
ODR6
ODR5
ODR4
ODR3
ODR2
ODR1
ODR0
rw
rw
rw
rw
rw
rw
rw
rw
Bits 7:0 ODR[7:0]: Output data register bits
Writing to the ODR register when in output mode applies a digital value to the I/O through the latch.
Reading the ODR returns the previously latched value in the register.
In Input mode, writing in the ODR register, latches the value in the register but does not change the
pin state. The ODR register is always cleared after reset. Bit read-modify-write instructions (BSET,
BRST) can be used on the DR register to drive an individual pin without affecting the others.
7
654
3210
IDR7
IDR6
IDR5
IDR4
IDR3
IDR2
IDR1
IDR0
r
rrr
rrrr
Bits 7:0 IDR[7:0]: Pin input values
The pin register can be used to read the pin value irrespective of whether port is in input or output
mode. This register is read-only.
0: Low logic level
1: High logic level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com