Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DC006NG Datasheet(PDF) 3 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

Part # DC006NG
Description  N-Channel MOSFET uses advanced trench technology
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOINGTER [SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.doingter.cn/
Logo DOINGTER - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

DC006NG Datasheet(HTML) 3 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

  DC006NG Datasheet HTML 1Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. DC006NG Datasheet HTML 2Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. DC006NG Datasheet HTML 3Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. DC006NG Datasheet HTML 4Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.doingter.cn
3
DC006NG
Typical Characteristics: (T
C=25unless otherwise noted)
Notes:1. Repetitive Rating: Pulse Width Limited by Maximum Junction Temperature
2. EAS condition: TJ=25℃,VDD=15V,VG=10V, RG=25Ω, L=0.5mH, IAS=15A
3. Pulse Test: Pulse Width≤300μs, Duty Cycle≤0.5%
0
1
2
3
4
5
0
100
Figure1: Output Characteristics
VDS(V)
0
1.0
2.0
3.0
4.0
5.0
6.0
0
VGS(V)
Figure 2: Typical Transfer Characteristics
ID (A)
ID (A)
0
10
20
30
40
4.0
6.0
12.0
Figure 3:On-resistance vs. Drain Current
RDS(ON) (mΩ)
ID(A)
0
8
16
24
32
40
0
Figure 5: Gate Charge Characteristics
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Figure 4: Body Diode Characteristics
IS(A)
VSD(V)
0
6
12
18
24
30
C(pF)
VDS(V)
Figure 6: Capacitance Characteristics
2
10
Qg(nC)
VGS(V)
2100
Coss
Crss
TJ=125℃
25℃
Ciss
8.0
10.0
14.0
125℃
TJ=25℃
2.0
20
100
101
102
0
10V
7V
5V
3V
VGS=2.5V
40
60
80
3.5V
100
20
40
60
80
103
VGS=0V
4
6
8
1800
1500
1200
900
600
300
VGS=4.5V
VGS=10V
VDS=15V
ID=30A


Similar Part No. - DC006NG

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
DC006NG-B DOINGTER-DC006NG-B Datasheet
828Kb / 4P
   N-Channel MOSFET uses advanced trench technology
More results

Similar Description - DC006NG

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
DC022NG DOINGTER-DC022NG Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
FH070NR DOINGTER-FH070NR Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
CJP07N65 DOINGTER-CJP07N65 Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology
CEP93A3 DOINGTER-CEP93A3 Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
CJPF12N65 DOINGTER-CJPF12N65 Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
CJU50N06 DOINGTER-CJU50N06 Datasheet
1,014Kb / 4P
   N-Channel MOSFET uses advanced trench technology
APM2055NU DOINGTER-APM2055NU Datasheet
965Kb / 5P
   N-Channel MOSFET uses advanced trench technology
APM4030BNU DOINGTER-APM4030BNU Datasheet
635Kb / 5P
   N-Channel MOSFET uses advanced trench technology
DKI06261 DOINGTER-DKI06261 Datasheet
887Kb / 4P
   N-Channel MOSFET uses advanced trench technology
STP454 DOINGTER-STP454 Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com