Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9022-Q1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9022-Q1
Description  TLV902x-Q1 and TLV903x-Q1 Precision Dual and Quad Automotive Comparators
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV9022-Q1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV9022-Q1 Datasheet HTML 3Page - Texas Instruments TLV9022-Q1 Datasheet HTML 4Page - Texas Instruments TLV9022-Q1 Datasheet HTML 5Page - Texas Instruments TLV9022-Q1 Datasheet HTML 6Page - Texas Instruments TLV9022-Q1 Datasheet HTML 7Page - Texas Instruments TLV9022-Q1 Datasheet HTML 8Page - Texas Instruments TLV9022-Q1 Datasheet HTML 9Page - Texas Instruments TLV9022-Q1 Datasheet HTML 10Page - Texas Instruments TLV9022-Q1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
7
TLV9022-Q1, TLV9032-Q1
www.ti.com
SNOSDA9 – JUNE 2020
Product Folder Links: TLV9022-Q1 TLV9032-Q1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
6.5 Electrical Characteristics, TLV90x2-Q1
For VS (TOTAL SUPPLY VOLTAGE) = (V+) – (V–) = 5 V, VCM = (V–) at TA = 25°C (Unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset
voltage
VS = 1.8 V and 5 V
–1.5
±0.3
1.5
mV
VOS
Input offset
voltage
VS = 1.8 V and 5 V, TA = –40°C to +125°C
–2
2
dVIO/dT
Input offset
voltage drift
VS = 1.8 V and 5 V, TA = –40°C to +125°C
±0.5
µV/°C
POWER SUPPLY
IQ
Quiescent current
per comparator
VS = 1.8 V and 5 V, No Load, Output Low
18
30
µA
IQ
Quiescent current
per comparator
VS = 1.8 V and 5 V, No Load, Output Low, TA =
–40°C to +125°C
35
PSRR
Power-supply
rejection ratio
VS = 1.8 V to 5 V, TA = –40°C to +125°C
(TLV9032-Q1)
75
95
dB
PSRR
Power-supply
rejection ratio
VS = 1.8 V to 5 V, TA = –40°C to +125°C
(TLV9022-Q1)
80
95
dB
INPUT BIAS CURRENT
IB
Input bias current
VCM = VS/2
5
pA
IOS
Input offset
current
VCM = VS/2
1
pA
INPUT CAPACITANCE
CID
Input
Capacitance,
Differential
VCM = VS/2
2
pF
CIC
Input
Capacitance,
Common Mode
VCM = VS/2
3
pF
INPUT VOLTAGE RANGE
VCM-Range
Common-mode
voltage range
VS = 1.8 V and 5 V, TA = –40°C to +125°C
(V–) – 0.2
(V+) + 0.2
V
CMRR
Common-mode
rejection ratio
VS = 5 V, (V–) – 0.2 V < VCM < (V+) + 0.2 V, TA
= –40°C to +125°C
60
70
dB
CMRR
Common-mode
rejection ratio
VS = 1.8 V, (V–) – 0.2 V < VCM < (V+) + 0.2 V,
TA = –40°C to +125°C
50
60
dB
OPEN-LOOP GAIN
AVD
Large signal
differential
voltage
amplification
For TLV9022-Q1 Only
50
200
V/mV
OUTPUT
VOL
Voltage swing
from (V–)
ISINK = 4 mA, TA = 25°C
75
125
mV
VOL
Voltage swing
from (V–)
ISINK = 4 mA, TA = –40°C to +125°C
175
mV
VOH
Voltage swing
from (V+)
ISOURCE = 4 mA, TA = 25°C (for TLV9032-Q1
only)
75
125
mV
VOH
Voltage swing
from (V+)
ISOURCE = 4 mA, TA = –40°C to +125°C (for
TLV9032-Q1 only)
175
mV
ILKG
Open-drain
output leakage
current
VPULLUP = (V+), TA = 25°C (for TLV9022-Q1
only)
100
pA
ISC
Short-circuit
current
VS = 5 V, Sinking
90
100
mA
ISC
Short-circuit
current
VS = 5 V, Sourcing (for TLV9032-Q1 only)
90
100
mA


Similar Part No. - TLV9022-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV9022-Q1 TI-TLV9022-Q1 Datasheet
2Mb / 41P
TLV902x and TLV903x High-Precision Dual and Quad Comparators
TLV9022-Q1 TI-TLV9022-Q1 Datasheet
4Mb / 68P
TLV902x and TLV903x Precision Comparator Family
REVISED MARCH 2023
TLV9022-Q1 TI1-TLV9022-Q1 Datasheet
4Mb / 73P
TLV902x and TLV903x Precision Comparator Family
MARCH 2023
TLV9022-Q1 TI-TLV9022-Q1 Datasheet
2Mb / 40P
TLV902x and TLV903x High-Precision Dual and Quad Comparators
TLV9022-Q1 TI-TLV9022-Q1 Datasheet
2Mb / 59P
TLV902x-Q1 and TLV903x-Q1 Precision Automotive Comparator Family
REVISED MARCH 2023
More results

Similar Description - TLV9022-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV9022-Q1 TI-TLV9022-Q1_V01 Datasheet
2Mb / 41P
TLV902x-Q1 and TLV903x-Q1 High-Precision Dual and Quad Automotive Comparators
TLV9022-Q1 TI-TLV9022-Q1_V02 Datasheet
2Mb / 43P
TLV902x-Q1 and TLV903x-Q1 High-Precision Dual and Quad Automotive Comparators
REVISED AUGUST 2021
TLV9022-Q1 TI-TLV9022-Q1_V03 Datasheet
2Mb / 47P
TLV902x-Q1 and TLV903x-Q1 High-Precision Dual and Quad Automotive Comparators
JANUARY 2022
TLV9022-Q1 TI-TLV9022-Q1_V04 Datasheet
2Mb / 50P
TLV902x-Q1 and TLV903x-Q1 High-Precision Dual and Quad Automotive Comparators
JANUARY 2022
TLV9020-Q1 TI1-TLV9020-Q1_V03 Datasheet
2Mb / 60P
TLV902x-Q1 and TLV903x-Q1 Precision Automotive Comparator Family
REVISED MARCH 2023
TLV9020-Q1 TI1-TLV9020-Q1_V04 Datasheet
2Mb / 61P
TLV902x-Q1 and TLV903x-Q1 Precision Automotive Comparator Family
REVISED MARCH 2023
TLV9020-Q1 TI-TLV9020-Q1_V06 Datasheet
2Mb / 66P
TLV902x-Q1 and TLV903x-Q1 Precision Automotive Comparator Family
REVISED MARCH 2023
TLV9020-Q1 TI-TLV9020-Q1 Datasheet
2Mb / 58P
TLV902x-Q1 and TLV903x-Q1 Precision Automotive Comparator Family
REVISED MARCH 2023
TLV9020-Q1 TI1-TLV9020-Q1_V02 Datasheet
2Mb / 60P
TLV902x-Q1 and TLV903x-Q1 Precision Automotive Comparator Family
REVISED MARCH 2023
TLV9020-Q1 TI-TLV9020-Q1_V01 Datasheet
2Mb / 59P
TLV902x-Q1 and TLV903x-Q1 Precision Automotive Comparator Family
REVISED MARCH 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com