Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9022-Q1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9022-Q1
Description  TLV902x-Q1 and TLV903x-Q1 Precision Dual and Quad Automotive Comparators
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV9022-Q1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV9022-Q1 Datasheet HTML 4Page - Texas Instruments TLV9022-Q1 Datasheet HTML 5Page - Texas Instruments TLV9022-Q1 Datasheet HTML 6Page - Texas Instruments TLV9022-Q1 Datasheet HTML 7Page - Texas Instruments TLV9022-Q1 Datasheet HTML 8Page - Texas Instruments TLV9022-Q1 Datasheet HTML 9Page - Texas Instruments TLV9022-Q1 Datasheet HTML 10Page - Texas Instruments TLV9022-Q1 Datasheet HTML 11Page - Texas Instruments TLV9022-Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
8
TLV9022-Q1, TLV9032-Q1
SNOSDA9 – JUNE 2020
www.ti.com
Product Folder Links: TLV9022-Q1 TLV9032-Q1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
6.6 Switching Characteristics, TLV90x2-Q1
For VS (TOTAL SUPPLY VOLTAGE) = (V+) – (V–) = 5 V, VCM = VS / 2, CL = 15 pF at TA = 25°C (Unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
TPD-HL
Propagation delay time, high-
to-low
VID = –100 mV; Delay from mid-point of
input to mid-point of output (RP = 2.5 KΩ
for TLV9022-Q1 only)
100
ns
TPD-LH
Propagation delay time, low-to-
high
VID = 100 mV; Delay from mid-point of
input to mid-point of output (TLV9032-Q1)
100
ns
TPD-LH
Propagation delay time, low-to-
high
VID = 100 mV; Delay from mid-point of
input to mid-point of output (RP = 2.5 KΩ
for TLV9022-Q1 only)
150
ns
TFALL
5V Output Fall Time, 80% to
20%
VID = –100 mV
3
ns
TRISE
5V Output Rise Time, 20% to
80%
VID = 100 mV, TLV9032-Q1 only
3
ns
FTOGGLE
5V, Toggle Frequency
VID = 100 mV (RP = 2.5 KΩ for TLV9022-
Q1 only)
3
MHz
POWER ON TIME
PON
Power on-time
VS = 1.8 V and 5 V, VCM = (V–), VID =
–0.1 V, VPULL-UP = VS / 2, Delay from VS /
2 to VOUT = 0.1 x VS / 2 (RP = 2.5 KΩ for
TLV9022-Q1 only)
20
µs


Similar Part No. - TLV9022-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV9022-Q1 TI-TLV9022-Q1 Datasheet
2Mb / 41P
TLV902x and TLV903x High-Precision Dual and Quad Comparators
TLV9022-Q1 TI-TLV9022-Q1 Datasheet
4Mb / 68P
TLV902x and TLV903x Precision Comparator Family
REVISED MARCH 2023
TLV9022-Q1 TI1-TLV9022-Q1 Datasheet
4Mb / 73P
TLV902x and TLV903x Precision Comparator Family
MARCH 2023
TLV9022-Q1 TI-TLV9022-Q1 Datasheet
2Mb / 40P
TLV902x and TLV903x High-Precision Dual and Quad Comparators
TLV9022-Q1 TI-TLV9022-Q1 Datasheet
2Mb / 59P
TLV902x-Q1 and TLV903x-Q1 Precision Automotive Comparator Family
REVISED MARCH 2023
More results

Similar Description - TLV9022-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV9022-Q1 TI-TLV9022-Q1_V01 Datasheet
2Mb / 41P
TLV902x-Q1 and TLV903x-Q1 High-Precision Dual and Quad Automotive Comparators
TLV9022-Q1 TI-TLV9022-Q1_V02 Datasheet
2Mb / 43P
TLV902x-Q1 and TLV903x-Q1 High-Precision Dual and Quad Automotive Comparators
REVISED AUGUST 2021
TLV9022-Q1 TI-TLV9022-Q1_V03 Datasheet
2Mb / 47P
TLV902x-Q1 and TLV903x-Q1 High-Precision Dual and Quad Automotive Comparators
JANUARY 2022
TLV9022-Q1 TI-TLV9022-Q1_V04 Datasheet
2Mb / 50P
TLV902x-Q1 and TLV903x-Q1 High-Precision Dual and Quad Automotive Comparators
JANUARY 2022
TLV9020-Q1 TI1-TLV9020-Q1_V03 Datasheet
2Mb / 60P
TLV902x-Q1 and TLV903x-Q1 Precision Automotive Comparator Family
REVISED MARCH 2023
TLV9020-Q1 TI1-TLV9020-Q1_V04 Datasheet
2Mb / 61P
TLV902x-Q1 and TLV903x-Q1 Precision Automotive Comparator Family
REVISED MARCH 2023
TLV9020-Q1 TI-TLV9020-Q1_V06 Datasheet
2Mb / 66P
TLV902x-Q1 and TLV903x-Q1 Precision Automotive Comparator Family
REVISED MARCH 2023
TLV9020-Q1 TI-TLV9020-Q1 Datasheet
2Mb / 58P
TLV902x-Q1 and TLV903x-Q1 Precision Automotive Comparator Family
REVISED MARCH 2023
TLV9020-Q1 TI1-TLV9020-Q1_V02 Datasheet
2Mb / 60P
TLV902x-Q1 and TLV903x-Q1 Precision Automotive Comparator Family
REVISED MARCH 2023
TLV9020-Q1 TI-TLV9020-Q1_V01 Datasheet
2Mb / 59P
TLV902x-Q1 and TLV903x-Q1 Precision Automotive Comparator Family
REVISED MARCH 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com