Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT7250 Datasheet(PDF) 104 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 104 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 100Page - Exar Corporation XRT7250 Datasheet HTML 101Page - Exar Corporation XRT7250 Datasheet HTML 102Page - Exar Corporation XRT7250 Datasheet HTML 103Page - Exar Corporation XRT7250 Datasheet HTML 104Page - Exar Corporation XRT7250 Datasheet HTML 105Page - Exar Corporation XRT7250 Datasheet HTML 106Page - Exar Corporation XRT7250 Datasheet HTML 107Page - Exar Corporation XRT7250 Datasheet HTML 108Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 463 page
background image
áç
áç
áç
áç
DS3/E3 FRAMER IC
XRT7250
REV. 1.1.1
85
Writing a "1" to this bit-field invokes this command.
Writing a "0" allows the Transmit DS3 Framer to func-
tion normally (e.g., the Transmit DS3 Framer will
transmit its payload and internally generated over-
head bits).
NOTE: For more information on this feature, please see
Section 3.2.4.2.1.3.
NOTE: This bit-setting is ignored if Bits 3 or 4 (within this
register) are set to "1".
Bit 4 - Tx AIS (Pattern)
This Read/Write bit-field permits the user to com-
mand the Transmit DS3 Framer to transmit an AIS
pattern. If the user invokes this command, then the
Transmit DS3 Framer will force the outbound DS3
frames to have the following patterns.
• Valid M-bits, F-bits, and P-bits
• All C-bits are set to '0'
• All X-bits are set to '1'
• A repeating '1010...' pattern is written into the pay-
load of the DS3 Frames.
Writing a "1' to this bit-field invokes this command.
Writing a "0" allows the Transmit DS3 Framer to func-
tion normally (e.g., the Transmit DS3 Framer will
transmit its payload and internally generated over-
head bits).
NOTE: For more information on this feature, please see
Section 3.2.4.2.1.4.
Bit 3 - Tx LOS (Loss of Signal)
This Read/Write bit-field permits the user to com-
mand the Transmit DS3 Framer to simulate an LOS
Condition. If the user invokes this command, then the
Transmit DS3 Framer will stop sending mark pulses
out on the line and will transmit an all-zero pattern.
Writing a '0' to this bit-field disables (or shuts off) this
feature, thereby allowing internally generated DS3
Frames to be generated and transmitted over the line.
Writing a '1' to this bit-field invokes this command,
causing the Transmit DS3 Framing to generate an all
'0' pattern.
NOTE: For more information on this feature, please see
Section 3.2.4.2.1.5.
Bit 2 - FERF on LOS
This Read/Write bit-field allows the user to configure
the Transmit DS3 Framer to generate a Yellow Alarm
if the Near-End Receive DS3 Framer detects a LOS
(Loss of Signal) Condition.
Writing a "1" to this bit-field enables this feature. Writ-
ing a "0" to this bit-field disables this feature.
NOTE: For more information on this feature, please see
Section 3.2.4.2.1.6.
Bit 1 - FERF on OOF
This Read/Write bit-field allows the user to configure
the Transmit DS3 Framer to generate a Yellow Alarm
if the Near-End Receive DS3 Framer detects an OOF
(Out-of-Frame) Condition.
Writing a "1" to this bit-field enables this feature. Writ-
ing a "0" to this bit-field disables this feature.
NOTE: For more information on this feature, please see
Section 3.2.4.2.1.7.
Bit 0 - FERF on AIS
This Read/Write bit-field allows the user to configure
the Transmit DS3 Framer to generate a Yellow Alarm
if the Near-End Receive DS3 Framer detects an AIS
(Alarm Indication Signal) Condition.
Writing a "1" to this bit-field enables this feature. Writ-
ing a "0" to this bit-field disables this feature.
NOTE: For more information on this feature, please see
Section 3.2.4.2.1.8.
2.3.5.2
Transmit DS3 FEAC Configuration &
Status Register (DS3 Applications)
Bit 4 - Tx FEAC Interrupt Enable
This Read-Write bit-field permits the user to enable or
disable the Transmit FEAC Interrupt.
Setting this bit-field to “0” disables this interrupt.
Conversely, setting this bit-field to “1” enables this in-
terrupt.
Bit 3 - TxFEAC Interrupt Status
TRANSMIT DS3 FEAC CONFIGURATION & STATUS REGISTER (ADDRESS = 0X31)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
Tx FEAC
Interrupt
Enable
TxFEAC
Interrupt
Status
TxFEAC
Enable
TxFEAC
GO
TxFEAC
Busy
RO
RO
RO
R/W
RUR
R/W
R/W
RO
0
0000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com