Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT7250 Datasheet(PDF) 146 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 146 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 142Page - Exar Corporation XRT7250 Datasheet HTML 143Page - Exar Corporation XRT7250 Datasheet HTML 144Page - Exar Corporation XRT7250 Datasheet HTML 145Page - Exar Corporation XRT7250 Datasheet HTML 146Page - Exar Corporation XRT7250 Datasheet HTML 147Page - Exar Corporation XRT7250 Datasheet HTML 148Page - Exar Corporation XRT7250 Datasheet HTML 149Page - Exar Corporation XRT7250 Datasheet HTML 150Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 463 page
background image
áç
áç
áç
áç
DS3/E3 FRAMER IC
XRT7250
REV. 1.1.1
127
XRT7250 CONFIGURATION
The XRT7250 DS3/E3 Framer IC can be configured
to support any of the following four framing formats.
• DS3/C-Bit Parity
• DS3/M13
• E3/ITU-T G.832
• E3/ITU-T G.751
As a consequence, the discussion of the XRT7250
Framer IC will be organized as follows:
Section 4.0 - DS3 Mode Operation of the XRT7250
Section 5.0 - E3, ITU-T G.751 Operation of the
XRT7250
Section 6.0 - E3, ITU-T G.832 Operation of the
XRT7250
Section 6.0 - Framer Local Loop-back Mode Opera-
tion
4.0
DS3 OPERATION OF THE XRT7250
This section will discuss in detail, the operation of the
XRT7250 Framer IC, when it has been configured to
operate in the DS3 Mode.
Configuring the XRT7250 to Operate in the DS3
Mode
The XRT7250 can be configured to operate in the
DS3 Mode by writing a "1" into bit-field 6 within the
Framer Operating Mode register, as illustrated below.
Prior to describing the functional blocks within the
Transmit and Receive Sections of the XRT7250, it is
important to describe the following two framing for-
mats.
• M13
• C-Bit Parity
4.1
DESCRIPTION OF THE DS3 FRAMES AND ASSOCI-
ATED
OVERHEAD BITS
The role of the various overhead bits are best de-
scribed by discussing the DS3 Frame Format as a
whole. The DS3 Frame contains 4760 bits, of which
56 bits are overhead and the remaining 4704 bits are
payload bits. The payload data is formatted into
packets of 84 bits and the overhead (OH) bits are in-
serted between these payload packets. The
XRT7250 Framer supports the following two DS3
framing formats:
• C-bit Parity
• M13
Figures 40 and 41 present the DS3 Frame Format for
C-bit Parity and M13, respectively.
X = Signaling bit for network control
I = Payload Information (84 bit packets)
FRAMER OPERATING MODE REGISTER (ADDRESS = 0X00)
BIT 7
BIT 6BIT 5BIT 4BIT 3BIT2BIT 1BIT 0
Local Loopback
DS3/E3*
Internal LOS
Enable
RESET
Interrupt
Enable Reset
Frame Format
TimRefSel[1:0]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
x
1x
0
x
x
x
x
FIGURE 40. DS3 FRAME FORMAT FOR C-BIT PARITY
X
IF1
IAIC
IF0
INA
IF0
I
FEAC
IF1
I
I
X
IF1
I
UDL
IF0
INA
IF0
I
UDL
IF1
I
P
IF1
ICP
IF0
ICP
IF0
ICP
IF1
I
P
IF1
I
FEBE
IF0
I
FEBE
IF0
I
FEBE
IF1
I
M0
IF1
IDL
IF0
IDL
IF0
IDL
IF1
I
M1
IF1
I
UDL
IF0
I
UDL
IF0
I
UDL
IF1
I
M0
IF1
I
UDL
IF0
I
UDL
IF0
I
UDL
IF1
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com