Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT7250 Datasheet(PDF) 222 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 222 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 218Page - Exar Corporation XRT7250 Datasheet HTML 219Page - Exar Corporation XRT7250 Datasheet HTML 220Page - Exar Corporation XRT7250 Datasheet HTML 221Page - Exar Corporation XRT7250 Datasheet HTML 222Page - Exar Corporation XRT7250 Datasheet HTML 223Page - Exar Corporation XRT7250 Datasheet HTML 224Page - Exar Corporation XRT7250 Datasheet HTML 225Page - Exar Corporation XRT7250 Datasheet HTML 226Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 463 page
background image
áç
áç
áç
áç
DS3/E3 FRAMER IC
XRT7250
REV. 1.1.1
203
The receipt of the Flag Sequence octet can mean
one of two things.
1. The Flag Sequence byte marks the beginning or
end of an incoming LAPD Message.
2. The received Flag Sequence octet could be just
one of many Flag Sequence octets that are trans-
mitted via the DS3 Transport Medium, during idle
periods between the transmission of LAPD Mes-
sages.
The LAPD Receiver will clear the Flag Present bit as
soon as it has received an octet that is something
other than the Flag Sequence octet. At this point, the
LAPD Receiver should be receiving either octet #2 of
the incoming LAPD Message, or an Abort Sequence
(e.g., a string of seven or more consecutive 1s). If
this next set of data is an abort sequence, then the
LAPD Receiver will assert the RxAbort bit (Bit 6) with-
in the Rx DS3 LAPD Status Register. However, if this
next octet is Octet #2 of an incoming LAPD Message,
then the Rx DS3 LAPD Status Register will begin to
present some additional status information on this in-
coming message. Each of these indicators is pre-
sented below in sequential order.
Bit 3 - RxCR Type - C/R (Command/Response)
Type
This bit-field reflects the contents of the C/R bit-field
within octet #2 of the LAPD Frame Header. When
this bit is "0" it means that this message is originating
from a customer installation. When this bit is "1" it
means that this message is originating from a net-
work terminal.
Bit 4,5 - RxLAPD Type[1, 0] - LAPD Message Type
The combination of these two bit fields indicate the
Message Type and the Message Size of the incoming
LAPD Message frame. Table 40 relates the values of
Bits 4 and 5 to the Incoming LAPD Message Type/
Size.
NOTE: The Message Size pertains to the size of the Infor-
mation portion of the LAPD Message Frame (as presented
in Figure 85).
Bit 3 - Flag Present
The LAPD Receiver should receive another Flag Se-
quence octet, which marks the End of the Message.
Therefore, this bit field should be asserted once
again.
Bit 1 - EndOfMessage - End of LAPD Message
Frame
Upon receipt of the closing Flag Sequence octet, this
bit-field should be asserted. The assertion of this bit-
field indicates that a LAPD Message Frame has been
completely received. Additionally, if this newly re-
ceived LAPD Message is different from the previous
message, then the LAPD Receiver will inform the µC/
µP of the EndOfMessage event by generating an in-
terrupt.
Bit 2 - RxFCSErr - Frame Check Sequence Error
Indicator
The LAPD Receiver will take the incoming LAPD
Message and compute its own version of the Frame
Check Sequence (FCS) word. Afterwards, the LAPD
Receiver will compare its computed value with that it
has received from the remote LAPD Transmitter. If
these two values match, then the LAPD Receiver will
presume that the LAPD Message has been properly
received and the contents of the Received LAPD
Message (payload portion) will be retained at loca-
tions 0xDE through 0x135 in on-chip RAM. The
LAPD Receiver will indicate an error-free reception of
the LAPD Message by keeping this bit field negated
(Bit 2 = 0). However, if these two FCS values do not
match, then the received LAPD Message is corrupted
and the user is advised not to process this erroneous
information. The LAPD Receiver will indicate an erred
receipt of this message by setting this bit-field to 1.
NOTE: The Receive DS3 HDLC Controller block will not
generate an interrupt to the
µP due to the detection of an
FCS error. Therefore, the user is advised to validate each
and every received LAPD message by checking this bit-
field prior to processing the LAPD message.
Removal of Stuff Bits from the Payload Portion of
the incoming LAPD Message
While the LAPD Receiver is receiving a LAPD Mes-
sage, it has the responsibility of removing all of the
"0" stuff bits from the Payload Portion of the incoming
LAPD Message Frame. Recall that the text in Section
3.2.3.2 indicated that the LAPD Transmitter (at the re-
TABLE 40: THE RELATIONSHIP BETWEEN RXLAPDTYPE[1:0] AND THE RESULTING LAPD MESSAGE TYPE AND SIZE
RXLAPD TYPE[1, 0]
MESSAGE TYPE
MESSAGE SIZE
00
Test Signal Identification
76 bytes
01
Idle Signal Identification
76 bytes
10
CL Path Identification
76 bytes
11
TU-T Path Identification
82 bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com