Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT7250 Datasheet(PDF) 242 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 242 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 238Page - Exar Corporation XRT7250 Datasheet HTML 239Page - Exar Corporation XRT7250 Datasheet HTML 240Page - Exar Corporation XRT7250 Datasheet HTML 241Page - Exar Corporation XRT7250 Datasheet HTML 242Page - Exar Corporation XRT7250 Datasheet HTML 243Page - Exar Corporation XRT7250 Datasheet HTML 244Page - Exar Corporation XRT7250 Datasheet HTML 245Page - Exar Corporation XRT7250 Datasheet HTML 246Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 463 page
background image
áç
áç
áç
áç
DS3/E3 FRAMER IC
XRT7250
REV. 1.1.1
223
• It will set Bit 6 (LOS Interrupt Status) within the
RxDS3 Interrupt Status register to “1”, as illustrated
below.
Whenever the user’s system encounters the Change
of LOS on Receive Interrupt, then it should do the fol-
lowing.
1. It should determine the current state of the LOS
condition. Recall, that this interrupt can gener-
ated, whenever the XRT7250 Framer declares or
clears the LOS defects. Hence, the user can
determine the current state of the LOS defect by
reading the state of Bit 6 (RxLOS), within the
RxDS3 Configuration & Status Registers, as illus-
trated below.
If the LOS State is TRUE
1. It should transmit a FERF (Far-End Receive Fail-
ure) to the Remote Terminal Equipment. The
XRT7250 Framer IC automatically supports this
action via the FERF-upon-LOS feature.
2. It should transmit the appropriate FEAC Message
(per Bellcore GR-499-CORE), to the Remote Ter-
minal, indicating that a Loss of Signal condition
has been declared.
If the LOS State is FALSE
1. It should cease transmitting a FERF indicator to
the Remote Terminal Equipment. The XRT7250
Framer IC automatically supports this action via
the FERF-upon-LOS feature.
2. It should transmit the appropriate FEAC Message
(per Bellcore GR-499-CORE), to the Remote Ter-
minal Equipment, indicating that the Loss of Sig-
nal condition has been cleared.
4.3.6.2.2
The Change of State on Receive OOF
Interrupt
If the Change of State on Receive OOF (Out-of-
Frame) Interrupt is enabled, then the XRT7250 Fram-
er IC will generate an interrupt in response to either of
the following conditions.
1. When the XRT7250 Framer IC declares an OOF
(Out of Frame) condition, and
2. When the XRT7250 Framer IC clears the OOF
(Out of Frame) condition.
Conditions causing the XRT7250 Framer IC to de-
clare an OOF condition
• If the Receive DS3 Framer block (within the
XRT7250 Framer IC) detects at least either 3 or 6
F-bit errors, in the last 16 F-bits.
Conditions causing the XRT7250 Framer IC to
clear the OOF condition.
• Whenever, the Receive DS3 Framer block transi-
tions from the M-Bit Search into the In-Frame state
(within the Frame Acquisition/Maintenance State
Machine Diagram).
Enabling and Disabling the Change of State on
Receive OOF Interrupt:
The user can enable or disable the Change of State
on Receive OOF Interrupt, by writing the appropriate
RXDS3 INTERRUPT STATUS REGISTER (ADDRESS = 0X13)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
CP-Bit Error
Interrupt
Status
LOS
Interrupt
Status
AIS
Interrupt
Status
Idle Interrupt
Status
FERF
Interrupt
Status
AIC
Interrupt
Status
OOF
Interrupt
Status
P-Bit Error
Interrupt
Status
RUR
RUR
RUR
RUR
RUR
RUR
RUR
RUR
0
1000
000
RXDS3 CONFIGURATION & STATUS REGISTER (ADDRESS = 0X10)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
RxAIS
RxLOS
RxIdle
RxOOF
Reserved
Framing On
Parity
FSync
Algo
MSync
Algo
RO
RO
RO
RO
RO
RO
RO
RUR
0
1000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com