Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT7250 Datasheet(PDF) 278 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 278 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 274Page - Exar Corporation XRT7250 Datasheet HTML 275Page - Exar Corporation XRT7250 Datasheet HTML 276Page - Exar Corporation XRT7250 Datasheet HTML 277Page - Exar Corporation XRT7250 Datasheet HTML 278Page - Exar Corporation XRT7250 Datasheet HTML 279Page - Exar Corporation XRT7250 Datasheet HTML 280Page - Exar Corporation XRT7250 Datasheet HTML 281Page - Exar Corporation XRT7250 Datasheet HTML 282Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 278 / 463 page
background image
áç
áç
áç
áç
XRT7250
DS3/E3 FRAMER IC
REV. 1.1.1
259
available. When using Method 2, either the TxInClk
or RxOutClk signal is used to sample the overhead
bits and signals which are input to the Transmit Over-
head Data Input Interface. Method 2 involves the use
of the following signals:
• TxOH
• TxInClk
• TxOHFrame
• TxOHEnable
Each of these signals are listed and described in
Table 50.
Interfacing the Transmit Overhead Data Input Interface
to the Terminal Equipment
Figure 115 illustrates how one should interface the
Transmit Overhead Data Input Interface to the Termi-
nal Equipment when using Method 2.
TABLE 50: DESCRIPTION OF METHOD 2 TRANSMIT OVERHEAD INPUT INTERFACE SIGNALS
NAME
TYPE
DESCRIPTION
TxOHEn-
able
Output
Transmit Overhead Data Enable Output pin
The XRT7250 will assert this signal, for one TxInClk period, just prior to the instant that the
Transmit Overhead Data Input Interface is processing an overhead bit.
TxO-
HFrame
Output
Transmit Overhead Input Interface Frame Boundary Indicator Output:
This output signal pulses "High" when the XRT7250 is processing the last bit within a given DS3
frame.
TxOHIns
Input
Transmit Overhead Data Insert Enable input pin.
Asserting this input signal (e.g., setting it "High") enables the Transmit Overhead Data Input
Interface to accept overhead data from the Terminal Equipment. In other words, while this input
pin is "High", the Transmit Overhead Data Input Interface will sample the data at the TxOH input
pin, on the falling edge of the TxInClk output signal.
Conversely, setting this pin "Low" configures the Transmit Overhead Data Input Interface to NOT
sample (e.g., ignore) the data at the TxOH input pin, on the falling edge of the TxOHClk output
signal.
NOTE: If the Terminal Equipment attempts to insert an overhead bit that cannot be accepted by
the Transmit Overhead Data Input Interface (e.g., if the Terminal Equipment asserts the TxOHIns
signal, at a time when one of these non-insertable overhead bits are being processed), that par-
ticular insertion effort will be ignored.
TxOH
Input
Transmit Overhead Data Input pin:
The Transmit Overhead Data Input Interface accepts the overhead data via this input pin, and
inserts into the overhead bit position within the very next outbound DS3 frame. If the TxOHIns
pin is pulled "High", the Transmit Overhead Data Input Interface will sample the data at this input
pin (TxOH), on the falling edge of the TxOHClk output pin. Conversely, if the TxOHIns pin is
pulled "Low", then the Transmit Overhead Data Input Interface will NOT sample the data at this
input pin (TxOH). Consequently, this data will be ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com