Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT7250 Datasheet(PDF) 311 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 311 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 307Page - Exar Corporation XRT7250 Datasheet HTML 308Page - Exar Corporation XRT7250 Datasheet HTML 309Page - Exar Corporation XRT7250 Datasheet HTML 310Page - Exar Corporation XRT7250 Datasheet HTML 311Page - Exar Corporation XRT7250 Datasheet HTML 312Page - Exar Corporation XRT7250 Datasheet HTML 313Page - Exar Corporation XRT7250 Datasheet HTML 314Page - Exar Corporation XRT7250 Datasheet HTML 315Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 311 / 463 page
background image
XRT7250
áç
áç
áç
áç
DS3/E3 FRAMER IC
REV. 1.1.1
292
Hence, the purpose of the FAS Pattern Verification
state.
When the Receive E3 Framer block enters this state,
it will then quit performing its bit-by-bit search for the
Frame Alignment Signaling bits. Instead, the Receive
E3 Framer block will read in the 10 bits that occur
1536 bit (e.g., one E3 frame period later) after the
candidate FAS pattern was first detected. If these ten
bits match the assigned values for the FAS Pattern
octets, then the Receive E3 Framer block will con-
clude that it has found the FAS pattern and will then
transition to the In-Frame state. However, if these two
bytes do not match the assigned values for the FAS
pattern then the Receive E3 Framer block will con-
cluded that it has been fooled by data mimicking the
Frame Alignment bytes, and will transition back to the
FAS Pattern Search state.
In Frame State
Once the Receive E3 Framer block enters the In-
Frame state, then it will cease performing Frame Ac-
quisition functions, and will proceed to perform Fram-
ing Maintenance functions. Therefore, the operation
of the Receive E3 Framer block, while operating in
the In-Frame state, can be found in Section 4.3.2.2
(The Framing Maintenance Mode).
OOF (Out of Frame) Condition State
If the Receive E3 Framer while operating in the In-
Frame state detects four (4) consecutive frames,
which do not have the valid Frame Alignment Signal-
ing (FAS) patterns, then it will transition into the OOF
Condition State. The Receive E3 Framer block’s op-
eration, while in the OOF condition state is a unique
mix of Framing Maintenance and Framing Acquisition
operation. The Receive E3 Framer block will exhibit
some Framing Acquisition characteristics by attempt-
ing to locate (once again) the FAS pattern. However,
the Receive E3 Framer block will also exhibit some
Frame Maintenance behavior by still using the most
recent frame synchronization for its overhead bits and
payload bits processing.
The Receive E3 Framer block will inform the Micro-
processor/Microcontroller of its transition from the In-
Frame state to the OOF Condition state, by generat-
ing a Change in OOF Condition Interrupt. When this
occurs, Bit 3 (OOF Interrupt Status), within the Rx E3
Interrupt Status Register - 1, will be set to “1”, as de-
picted below.
The Receive E3 Framer block will also inform the ex-
ternal circuitry of its transition into the OOF Condition
state, by toggling the RxOOF output pin "High”.
If the Receive E3 Framer block is capable of finding
the FAS pattern within a user-selectable number of
E3 frame periods, then it will transition back into the
In-Frame state. The Receive E3 Framer block will
then inform the Microprocessor/Microcontroller of its
transition back into the In-Frame state by generating
the Change in OOF Condition Interrupt.
However, if the Receive E3 Framer block resides in
the OOF Condition state for more than this user-se-
lectable number of E3 frame periods, then it will auto-
matically transition to the LOF (Loss of Frame) Condi-
tion state.
The user can select this user-selectable number of
E3 frame periods that the Receive E3 Framer block
will remain in the OOF Condition state by writing the
appropriate value into Bit 7 (RxLOF Algo) within the
Rx E3 Configuration & Status Register, as depicted
below.
RXE3 INTERRUPT STATUS REGISTER - 1 (ADDRESS = 0X14)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
COFA
Interrupt
Status
OOF
Interrupt
Status
LOF
Interrupt
Status
LOS
Interrupt
Status
AIS
Interrupt
Status
RO
RO
RO
RUR
RUR
RUR
RUR
RUR
00
000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com