Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT7250 Datasheet(PDF) 332 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 332 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 328Page - Exar Corporation XRT7250 Datasheet HTML 329Page - Exar Corporation XRT7250 Datasheet HTML 330Page - Exar Corporation XRT7250 Datasheet HTML 331Page - Exar Corporation XRT7250 Datasheet HTML 332Page - Exar Corporation XRT7250 Datasheet HTML 333Page - Exar Corporation XRT7250 Datasheet HTML 334Page - Exar Corporation XRT7250 Datasheet HTML 335Page - Exar Corporation XRT7250 Datasheet HTML 336Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 332 / 463 page
background image
áç
áç
áç
áç
XRT7250
DS3/E3 FRAMER IC
REV. 1.1.1
313
Interfacing the Receive Overhead Data Output In-
terface block to the Terminal Equipment (Method
2)
Figure 147 illustrates how one should interface the
Receive Overhead Data Output Interface block to the
Terminal Equipment, when using Method 2 to sample
and process the overhead bits from the inbound E3
data stream.
TABLE 65: LISTING AND DESCRIPTION OF THE PIN ASSOCIATED WITH THE RECEIVE OVERHEAD DATA OUTPUT
INTERFACE BLOCK (METHOD 2)
SIGNAL NAME
TYPE
DESCRIPTION
RxOH
Output
Receive Overhead Data Output pin:
The XRT7250 will output the overhead bits, within the incoming E3 frames, via this pin.
The Receive Overhead Output Interface will pulse the RxOHEnable output pin (for one RxOut-
Clk period) at approximately the middle of the RxOH bit period. The user is advised to design
the Terminal Equipment to latch the contents of the RxOH output pin, whenever the RxOHEn-
able output pin is sampled "High” on the falling edge of RxOutClk.
RxOHEnable
Output
Receive Overhead Data Output Enable - Output pin:
The XRT7250 will assert this output signal for one RxOutClk period when it is safe for the Ter-
minal Equipment to sample the data on the RxOH output pin.
RxOHFrame
Output
Receive Overhead Data Output Interface - Start of Frame Indicator:
The XRT7250 will drive this output pin "High” (for one period of the RxOH signal), whenever the
first overhead bit, within a given E3 frame is being driven onto the RxOH output pin.
RxOutClk
Output
Receive Section Output Clock Signal:
This clock signal is derived from the RxLineClk signal (from the LIU) for loop-timing applica-
tions, and the TxInClk signal (from a local oscillator) for local-timing applications. For E3 appli-
cations, this clock signal will operate at 34.368MHz.
The user is advised to design the Terminal Equipment to latch the contents of the RxOH pin,
anytime the RxOHEnable output signal is sampled "High” on the falling edge of this clock sig-
nal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com