Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT7250 Datasheet(PDF) 344 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 344 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 340Page - Exar Corporation XRT7250 Datasheet HTML 341Page - Exar Corporation XRT7250 Datasheet HTML 342Page - Exar Corporation XRT7250 Datasheet HTML 343Page - Exar Corporation XRT7250 Datasheet HTML 344Page - Exar Corporation XRT7250 Datasheet HTML 345Page - Exar Corporation XRT7250 Datasheet HTML 346Page - Exar Corporation XRT7250 Datasheet HTML 347Page - Exar Corporation XRT7250 Datasheet HTML 348Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 344 / 463 page
background image
áç
áç
áç
áç
XRT7250
DS3/E3 FRAMER IC
REV. 1.1.1
325
5.3.6.2.3
The Change in Receive LOF Condi-
tion Interrupt
If the Change in Receive LOF Condition Interrupt is
enabled, then the XRT7250 Framer IC will generate
an interrupt in response to either of the following con-
ditions.
1. When the XRT7250 Framer IC declares an LOF
(Out of Frame) Condition, and
2. When the XRT7250 Framer IC clears the LOF
condition.
Conditions causing the XRT7250 Framer IC to de-
clare an LOF Condition.
• If the Receive E3 Framer block (within the XRT7250
Framer IC) detects Framing Bit errors, within four
consecutive incoming E3 frames, and is not capa-
ble of transition back into the In-Frame state within
a 1ms or 3ms period.
Conditions causing the XRT7250 Framer IC to
clear the LOF Condition.
• If the Receive E3 Framer block transitions from the
OOF Condition state to the LOF Condition state
(see Figure 115).
• If the Receive E3 Framer block transitions back into
the In-Frame state.
Enabling and Disabling the Change in Receive
LOF Condition Interrupt
The user can enable or disable the Change in Re-
ceive LOF Condition Interrupt, by writing the appropri-
ate value into Bit 3 (LOF Interrupt Enable), within the
RxE3 Interrupt Enable Register - 1, as indicated be-
low.
Setting this bit-field to “1” enables this interrupt. Con-
versely, setting this bit-field to “0” disables this inter-
rupt.
Servicing the Change in Receive LOF Condition
Interrupt
Whenever the XRT7250 Framer IC detects this inter-
rupt, it will do all of the following.
• It will assert the Interrupt Request output pin (INT),
by driving it “Low”.
• It will set Bit 6 (LOF Interrupt Status), within the Rx
E3 Interrupt Status Register - 1 to “1”, as indicated
below.
5.3.6.2.4
The Change in Receive AIS Condition
Interrupt
If the Change in Receive AIS Condition Interrupt is
enabled, then the XRT7250 Framer IC will generate
an interrupt in response to either of the following con-
ditions.
1. When the XRT7250 Framer IC declares an AIS
(Loss of Signal) Condition, and
2. When the XRT7250 Framer IC clears the AIS
condition.
Conditions causing the XRT7250 Framer IC to de-
clare an AIS Condition.
• If the XRT7250 Framer IC detects 7 or less “0”
within 2 consecutive E3 frames.
Conditions causing the XRT7250 Framer IC to
clear the AIS Condition.
RXE3 INTERRUPT ENABLE REGISTER - 1 (ADDRESS = 0X12)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
COFA
Interrupt
Enable
OOF
Interrupt
Enable
LOF
Interrupt
Enable
LOS
Interrupt
Enable
AIS
Interrupt
Enable
RO
RO
RO
R/W
R/W
R/W
R/W
R/W
0
0000
0
X
0
RXE3 CONFIGURATION & STATUS REGISTER - 2 (ADDRESS = 0X11)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
RxLOF
Algo
RxLOF
RxOOF
RxLOS
RxAIS
Not Used
RxFERF
R/W
RORO
RO
RORORORO
0
1100
111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com