Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT7250 Datasheet(PDF) 391 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 391 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 387Page - Exar Corporation XRT7250 Datasheet HTML 388Page - Exar Corporation XRT7250 Datasheet HTML 389Page - Exar Corporation XRT7250 Datasheet HTML 390Page - Exar Corporation XRT7250 Datasheet HTML 391Page - Exar Corporation XRT7250 Datasheet HTML 392Page - Exar Corporation XRT7250 Datasheet HTML 393Page - Exar Corporation XRT7250 Datasheet HTML 394Page - Exar Corporation XRT7250 Datasheet HTML 395Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 391 / 463 page
background image
XRT7250
áç
áç
áç
áç
DS3/E3 FRAMER IC
REV. 1.1.1
372
The Mechanics of Transmitting a New LAPD Mes-
sage frame, if the LAPD Transmitter has been
configured to re-transmit the LAPD Message
frame, repeatedly, at One-Second intervals.
If the LAPD Transmitter has been configured to re-
transmit the LAPD Message frame repeatedly at
One-Second intervals, then it will do the following (at
One-Second intervals).
• Stuff the PMDL Message.
• Read in the stuffed PMDL Message from the Trans-
mit LAPD Message buffer.
• Encapsulate this stuffed PMDL Message into a
LAPD Message frame.
• Transmit this LAPD Message frame to the Remote
Terminal Equipment.
If another (e.g., a different) PMDL Message is to be
transmitted to the Remote Terminal Equipment this
new message will have to be written into the Transmit
LAPD Message buffer, via the Microprocessor Inter-
face block of the Framer IC. However, care must be
taken when writing this new PMDL message. If this
message is written into the Transmit LAPD Message
buffer at the wrong time (with respect to these One-
Second LAPD Message frame transmissions), the
user’s action could interfere with these transmissions,
thereby causing the LAPD Transmitter to transmit a
corrupted message to the Remote Terminal Equip-
FIGURE 176. FLOW CHART DEPICTING HOW TO USE THE LAPD TRANSMITTER (LAPD TRANSMITTER IS CONFIGURED
TO TRANSMIT A
LAPD MESSAGE FRAME ONLY ONCE).
Start
Write the “LAPD Message frame identification”
octet into the first octet position within the
“Transmit LAPD Message” buffer (Address = 0x86).
Write the PMDL Message into the remaining
portion of the “Transmit LAPD Message” buffer
(from 0x87 to 0xDD).
Specify the type/size of the LAPD Message frame
to be transmitted.
Write in the appropriate value into bits 5 and 6
within the Tx E3 LAPD Configuration Register
Enable the LAPD Transmitter
Initiate the LAPD Message frame transmission.
Specify whether the “outbound” LAPD Message
frame is to be transported via the GC or the NR
byte-fields, within each “outbound” E3 Frame
LAPD Transmitter will generate a continuous
string of “Flag Sequence” bytes. These bytes will
be transported via either the GC or the NR byte
field (depending upon user’s selection).
LAPD Transmitter will “stuff” the contents of the
PMDL Message (residing within the “Transmit
LAPD Message” buffer).
LAPD Transmitter will read out “stuff” PMDL Message
and encapsulate it into a LAPD Message frame.
LAPD Transmitter will compute and insert the
FCS value, into the LAPD Message frame.
LAPD Transmitter will fragment LAPD Message
frame into “octets” and begin to insert these octets into
the GC or NR byte-field (depending upon user’s
selection) into each “outbound” E3 frame.
Complete transmission of LAPD Message frame.
Generate “Completion of Transmission of LAPD
Message frame Interrupt.
Halt Transmission for an “indefinite period.
Wait until the user initiates “LAPD Message
Frame Transmission” again.
Configure the LAPD Transmitter to transmit
LAPD Message Frame Only Once



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com