Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT7250 Datasheet(PDF) 426 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 426 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 422Page - Exar Corporation XRT7250 Datasheet HTML 423Page - Exar Corporation XRT7250 Datasheet HTML 424Page - Exar Corporation XRT7250 Datasheet HTML 425Page - Exar Corporation XRT7250 Datasheet HTML 426Page - Exar Corporation XRT7250 Datasheet HTML 427Page - Exar Corporation XRT7250 Datasheet HTML 428Page - Exar Corporation XRT7250 Datasheet HTML 429Page - Exar Corporation XRT7250 Datasheet HTML 430Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 426 / 463 page
background image
áç
áç
áç
áç
XRT7250
DS3/E3 FRAMER IC
REV. 1.1.1
407
Bit 1 (DL from NR) within the Rx E3 LAPD Control
Register, as depicted below.
Writing a “0” into this bit-field causes the LAPD Re-
ceiver to read in the octets from the GC byte-field of
each E3 frame and with these octets, reassembling
the LAPD Message frame. Writing a “1” into this bit-
field causes the LAPD Receiver to receive the LAPD
Message frame octets from the NR byte-field of each
E3 frame.
2. Enabling the LAPD Receiver
The LAPD Receiver must be enabled before it can
begin receiving and processing any LAPD Message
frames. The LAPD Receiver can be enabled by writ-
ing a “1” to Bit 2 (RxLAPD Enable) of the Rx E3 LAPD
Control Register, as indicated below.
Once the LAPD Receiver has been enabled, it will be-
gin searching for the Flag Sequence octet (0x7E), in
either the “GC” or the “NR” byte-fields within each in-
coming E3 frame. When the LAPD Receiver finds the
flag sequence byte, it will assert the Flag Present bit
(Bit 0) within the Rx E3 LAPD Status Register, as de-
picted below.
The receipt of the Flag Sequence octet can mean
one of two things.
1. This Flag Sequence byte may be marking the
beginning or end of an incoming LAPD Message
frame.
2. The Received Flag Sequence octet could be just
one of many Flag Sequence octets that are trans-
mitted via the E3 Transport Medium, during idle
periods between the transmission of LAPD Mes-
sage frames.
The LAPD Receiver will negate the Flag Present bit
as soon as it has received an octet that is something
other than the Flag Sequence octet. Once this hap-
pens, the LAPD Receiver should be receiving either
octet # 2 of the incoming LAPD Message, or an
ABORT Sequence (e.g., a string of seven or more
consecutive “1’s”). If this next set of data is an
RXE3 LAPD CONTROL REGISTER (ADDRESS = 0X18)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
DL from NR
RxLAPD
Enable
RxLAPD
Interrupt
Enable
RxLAPD
Interrupt
Status
RO
RO
RO
RO
R/W
R/W
R/W
RUR
0
0000
010
RXE3 LAPD CONTROL REGISTER (ADDRESS = 0X18)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
DL from NR
RxLAPD
Enable
RxLAPD
Interrupt
Enable
RxLAPD
Interrupt
Status
RO
RO
RO
RO
R/W
R/W
R/W
RUR
0
0000
110
RXE3 LAPD STATUS REGISTER (ADDRESS = 0X19)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
Rx ABORT
RxLAPDType[1:0]
RxCR
Type
RxFCS
Error
End of
Message
Flag
Present
RO
RO
RO
RO
RO
RO
RO
RO
0
0000
001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com