Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT7250 Datasheet(PDF) 453 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 453 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 449Page - Exar Corporation XRT7250 Datasheet HTML 450Page - Exar Corporation XRT7250 Datasheet HTML 451Page - Exar Corporation XRT7250 Datasheet HTML 452Page - Exar Corporation XRT7250 Datasheet HTML 453Page - Exar Corporation XRT7250 Datasheet HTML 454Page - Exar Corporation XRT7250 Datasheet HTML 455Page - Exar Corporation XRT7250 Datasheet HTML 456Page - Exar Corporation XRT7250 Datasheet HTML 457Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 453 / 463 page
background image
XRT7250
áç
áç
áç
áç
DS3/E3 FRAMER IC
REV. 1.1.1
434
Servicing the Change in Receive AIS Condition
Interrupt
Whenever the XRT7250 Framer IC detects this inter-
rupt, it will do all of the following.
• It will assert the Interrupt Request output pin (INT),
by driving it “Low”.
• It will set Bit 0 (AIS Interrupt Status), within the Rx
E3 Interrupt Status Register - 1 to “1”, as indicated
below.
Whenever the user’s system encounters the Change
in Receive AIS Condition Interrupt, then it should do
the following.
1. It should determine the current state of the AIS
condition. Recall, that this interrupt can be gen-
erated, whenever the XRT7250 Framer IC
declares or clears the AIS defect. Hence, the
user can determine the current state of the AIS
defect by reading the state of Bit 4 (RxAIS) within
the Rx E3 Configuration and Status Register - 2,
as illustrated below.
If the AIS Condition is TRUE
1. It should begin transmitting the FERF indication
to the Remote Terminal Equipment. The
XRT7250 Framer IC automatically supports this
action via the FERF-upon-AIS feature.
If the AIS Condition is FALSE
2. It should cease transmitting the FERF indication
to the Remote Terminal Equipment. The
XRT7250 Framer IC automatically supports this
action via the FERF-upon-AIS feature.
6.3.6.2.6
The Change in Trail Trace Buffer Mes-
sage Interrupt
If the Change in Trail Trace Buffer Message Interrupt
has been enabled, then the XRT7250 Framer IC will
generate an interrupt any time the Receive E3 Framer
block receives a different Trail Trace Buffer message,
then it has previously read in.
Enabling and Disabling the Change in Trail Trace
Buffer Message Interrupt.
The user can enable or disable the Change in Trail
Trace Buffer Message interrupt by writing the appro-
priate value into Bit 6 (TTB Change Interrupt Enable)
within the Rx E3 Interrupt Enable Register - 2, as indi-
cated below.
RXE3 INTERRUPT STATUS REGISTER - 1 (ADDRESS = 0X14)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
COFA
Interrupt
Status
OOF
Interrupt
Status
LOF
Interrupt
Status
LOS
Interrupt
Status
AIS
Interrupt
Status
RO
RO
RO
RUR
RUR
RUR
RUR
RUR
00
000
010
RXE3 CONFIGURATION & STATUS REGISTER 2 (ADDRESS = 0X11)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Rx LOF Algo
RxLOF
RxOOF
RxLOS
RxAIS
RxPld Unstab
Rx
TMark
RxFERF
R/W
RORO
RO
RORORORO
XX
XXXX
XX
RXE3 INTERRUPT ENABLE REGISTER - 2 (ADDRESS = 0X13)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
TTB
Change
Interrupt
Enable
Not Used
FEBE
Interrupt
Enable
FERF
Interrupt
Enable
BIP-8
Error Interrupt
Enable
Framing
Byte Error
Interrupt
Enable
RxPld
Mis
Interrupt
Enable
RO
R/W
RO
R/W
R/W
R/W
R/W
R/W
00
00
X
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com