Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC400 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CC400
Description  RF Transceiver
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC400 Datasheet(HTML) 1 Page - Texas Instruments

  CC400 Datasheet HTML 1Page - Texas Instruments CC400 Datasheet HTML 2Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A high performance RF solution
Very few, if any, single-chip RF transceivers offer radio parameters
comparable to the CC400. With uncompromised focus on receiver
sensitivity, output power and flexibility, the CC400 is designed for
use in applications with the most stringent requirements.
The transmitter, receiver, oscillator and control interface are
totally integrated in a single-chip solution. Only a crystal and a
few external passive components are required to build a high-
performance and cost-effective radio system. A communication
range exceeding 2000 m can be reached with 10 dBm output
power. The CC400 has a programmable carrier frequency and can
be used at any frequency between 300 MHz and 500 MHz.
The built-in, active power-down modes combined with a standby
current as low as 0.2 µA significantly extend battery life.
Great flexibility and communication security
Virtually all radio parameters of the CC400 are programmable.
The carrier frequency, frequency deviation, intermediate
frequency, output power and much more can be easily
programmed through a three-bit serial interface. The flexibility of
the CC400 makes it ideal for a wide variety of applications.
The Frequency Hopping Spread Spectrum (FHSS) option, together
with other features that
improve communication security,
makes the CC400
especially suited for critical applications such as wireless alarms
and security systems.
All you need to get started…… and finished
The CC400 Development Kit makes it very easy to evaluate the
performance of the CC400 chip, and in a short time, designers can
develop their own RF modules based on this reference design.
The SmartRF® Studio software package which is included,
provides the flexibility needed to automatically generate
configuration data used by the microcontroller.
Block diagram
RF Transceiver
The CC400 is a high performance, single-chip
FSK RF transceiver mainly intended for the
315 MHz and 433 MHz ISM/SRD bands. Its high
receiver sensitivity (-112 dBm) and superior
output power (+14 dBm) enable a very long
communication range.
Chipcon Products
from Texas Instruments


Similar Part No. - CC400

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC400 TI-CC400 Datasheet
575Kb / 31P
Single Chip High Performance RF Transceiver
3.2 2005-05-25
CC400 TI-CC400 Datasheet
575Kb / 31P
Single Chip High Performance RF Transceiver
3.2 2005-05-25
CC400-RTB2 TI-CC400-RTB2 Datasheet
575Kb / 10P
Single Chip High Performance RF Transceiver
3.2 2005-05-25
CC400-RTB2 TI-CC400-RTB2 Datasheet
575Kb / 31P
Single Chip High Performance RF Transceiver
3.2 2005-05-25
CC400-RTB2 TI-CC400-RTB2 Datasheet
575Kb / 31P
Single Chip High Performance RF Transceiver
3.2 2005-05-25
More results

Similar Description - CC400

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMARTALPHA-433 ETC2-SMARTALPHA-433 Datasheet
4Mb / 14P
RF Transceiver
logo
Analog Devices
AD9361 AD-AD9361 Datasheet
639Kb / 36P
RF Agile Transceiver
Rev. F
AD6411 AD-AD6411 Datasheet
112Kb / 11P
DECT RF Transceiver
REV. 0
AD9361BBCZ-REEL AD-AD9361BBCZ-REEL Datasheet
596Kb / 36P
RF Agile Transceiver
REV. D
AD9361BBCZ-REEL AD-AD9361BBCZ-REEL Datasheet
596Kb / 36P
RF Agile Transceiver
REV. D
AD9361BBCZ AD-AD9361BBCZ Datasheet
83Kb / 2P
RF Agile Transceiver
Rev. SpC
logo
NXP Semiconductors
OL2385 NXP-OL2385 Datasheet
854Kb / 85P
Industrial RF transceiver
Rev. 1.0-15 June 2016
logo
Micro Linear Corporatio...
ML2712 MICRO-LINEAR-ML2712 Datasheet
293Kb / 22P
2.4GHz RF Transceiver
logo
Analog Devices
AD6411 AD-AD6411_15 Datasheet
116Kb / 11P
DECT RF Transceiver
REV. 0
AD9361S-CSL AD-AD9361S-CSL Datasheet
640Kb / 33P
RF Agile Transceiver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com