Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0151310200 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0151310200
Description  Pico-Lock-to-Pico-Lock Off-the-Shelf (OTS) Cable Assembly, 1.00mm Pitch, Single Row, 50.00mm Length, 2 Circuits, Black
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

0151310200 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0151310200_V01 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 07/16/2020
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0151310200
Status:
Active
Overview:
Pico-Lock Connector System
Description:
Pico-Lock-to-Pico-Lock Off-the-Shelf (OTS) Cable Assembly, 1.00mm Pitch, Single
Row, 50.00mm Length, 2 Circuits, Black
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
3D Model (PDF)
Product Literature (PDF)
Drawing (PDF)
General
Product Family
Cable Assemblies
Series
15131
Application
Signal, Wire-to-Board
Assembly Configuration
Dual Ended Connectors
Connector to Connector
Pico-Lock-to-Pico-Lock
Overmolded
No
Overview
Pico-Lock Connector System
Product Name
Pico-Lock
Type
Discrete Wire Assembly
UPC
191128284615
Physical
Cable Length
50.00mm
Circuits (Loaded)
2
Color - Resin
Black
Gender
Female-Female
Lock to Mating Part
Yes
Material - Metal
Copper Alloy
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Net Weight
0.243/g
Number of Rows
1
Pitch - Mating Interface
1.00mm
Single Ended
No
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
0.60mm
Wire Size AWG
28
Wire/Cable Type
UL 1571
Electrical
Current - Maximum per Contact
2.5A
Voltage - Maximum
150V
Material Info
Reference - Drawing Numbers
Sales Drawing
151310200-000
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
D(2020)4578-DC (25
June 2020)
Halogen-Free
Status
Not Low-Halogen
For more information, please visit Contact US
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
15131 Series
Mates With
Pico-Lock Header 503763
This document was generated on 07/16/2020
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0151310200_V01

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0151310200 MOLEX1-0151310200 Datasheet
59Kb / 1P
Pico-Lock-to-Pico-Lock Off-the-Shelf (OTS) Cable Assembly, 1.00mm Pitch, Single Row, 50.00mm Length, 2 Circuits, Black
More results

Similar Description - 0151310200_V01

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0151310200 MOLEX1-0151310200 Datasheet
59Kb / 1P
Pico-Lock-to-Pico-Lock Off-the-Shelf (OTS) Cable Assembly, 1.00mm Pitch, Single Row, 50.00mm Length, 2 Circuits, Black
0151310400 MOLEX1-0151310400 Datasheet
59Kb / 1P
Pico-Lock-to-Pico-Lock Off-the-Shelf (OTS) Cable Assembly, 1.00mm Pitch, Single Row, 50.00mm Length, 4 Circuits, Black
0151310400 MOLEX-0151310400_V01 Datasheet
60Kb / 1P
Pico-Lock-to-Pico-Lock Off-the-Shelf (OTS) Cable Assembly, 1.00mm Pitch, Single Row, 50.00mm Length, 4 Circuits, Black
0151310206 MOLEX1-0151310206 Datasheet
59Kb / 1P
Pico-Lock-to-Pico-Lock Off-the-Shelf (OTS) Cable Assembly, 1.00mm Pitch, Single Row, 600.00mm Length, 2 Circuits, Black
0151310205 MOLEX-0151310205_V01 Datasheet
60Kb / 1P
Pico-Lock-to-Pico-Lock Off-the-Shelf (OTS) Cable Assembly, 1.00mm Pitch, Single Row, 450.00mm Length, 2 Circuits, Black
0151310203 MOLEX1-0151310203 Datasheet
59Kb / 1P
Pico-Lock-to-Pico-Lock Off-the-Shelf (OTS) Cable Assembly, 1.00mm Pitch, Single Row, 300.00mm Length, 2 Circuits, Black
0151310201 MOLEX1-0151310201 Datasheet
59Kb / 1P
Pico-Lock-to-Pico-Lock Off-the-Shelf (OTS) Cable Assembly, 1.00mm Pitch, Single Row, 100.00mm Length, 2 Circuits, Black
0151310203 MOLEX-0151310203_V01 Datasheet
60Kb / 1P
Pico-Lock-to-Pico-Lock Off-the-Shelf (OTS) Cable Assembly, 1.00mm Pitch, Single Row, 300.00mm Length, 2 Circuits, Black
0151310202 MOLEX1-0151310202 Datasheet
59Kb / 1P
Pico-Lock-to-Pico-Lock Off-the-Shelf (OTS) Cable Assembly, 1.00mm Pitch, Single Row, 150.00mm Length, 2 Circuits, Black
0151310201 MOLEX-0151310201_V01 Datasheet
60Kb / 1P
Pico-Lock-to-Pico-Lock Off-the-Shelf (OTS) Cable Assembly, 1.00mm Pitch, Single Row, 100.00mm Length, 2 Circuits, Black
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com