Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPU-CA20GY Datasheet(PDF) 2 Page - Contec Co., Ltd

Part # CPU-CA20GY
Description  Ethernet Data Acquisition and Controlling Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONTEC [Contec Co., Ltd]
Direct Link  https://www.contec.com/
Logo CONTEC - Contec Co., Ltd

CPU-CA20GY Datasheet(HTML) 2 Page - Contec Co., Ltd

  CPU-CA20GY Datasheet HTML 1Page - Contec Co., Ltd CPU-CA20GY Datasheet HTML 2Page - Contec Co., Ltd CPU-CA20GY Datasheet HTML 3Page - Contec Co., Ltd CPU-CA20GY Datasheet HTML 4Page - Contec Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Ver.1.02
CPU-CA20(FIT)GY
2
Physical Dimensions
System Configuration Image
This product is an I/O controller module for processing I/O signals from
connected device modules and transferring this data via a network to or
from a PC or other host device.
When connected to a device module, the I/O Controller Module forms
an I/O Controller Unit.
When used in conjunction with an I/O Assist Server Unit (SVR-
IOAx(FIT)GY), the I/O Controller Unit can collect data and perform
management functions, such as loading data onto the I/O Controller Unit
itself.
Multiple I/O controller units and I/O assist server units (a maximum of
eight units) can be installed on the same network. In this manner, when
connected to an I/O assist server unit, a host controller can input and
output signals to and from the devices that are connected to a
subordinate I/O controller unit.
Nomenclature
I/O Assist Server Unit:
The I/O Assist Server Unit supports the management function that
enables it to collect data from, and set data to, I/O controller units that
belong to the same group as the Group ID that is set by using the Group
ID switches of the SVR-IOAxx(FIT)GY ("Assist Server"), which is a CONTEC
product. Group IDs can be set in a range of 0 - 7.
By connecting local terminals and office terminals by means of a Web
browser, it is possible to monitor the status of the devices that are
connected to an I/O controller unit.
I/O Controller Unit:
The I/O Controller Unit is a general term that refers to any combination
of this product, the
CPU-CAxx(FIT)GY, with device modules.
Each device contains a Group ID SW and a Unit ID SW; these switches
must be set so that they are unique within the network. The I/O
Controller Unit transmits data collected from the devices to the I/O Assist
Server Unit that bears a specified Group ID.
The Group ID for a CPU-CA10(FIT)GY can be set in the range 0 - 8. The
Unit ID can be set in the range 0 - 7.
The Group ID for a CPU-CA20(FIT)GY can be set in the range 0 - 8 and A.
The Unit ID can be set in the range 0 - 7. If the Group ID is set to A, the
Unit ID can be set in the range 0 - 7Fh, permitting up to 128 devices.
Data cannot be sent to an I/O Assist Server if the Group ID is set to 8 or
A. Control of the I/O controller unit can be performed directly from a
terminal.
Further details on this topic may be found in the respective device
module manuals.
HUB:
This is a line concentration device that is used when a LAN is constructed
using twisted-pair cables.
The F&eIT series includes an 8-port switching HUB unit (SH-8008(FIT)H)
that is equipped with a DIN rail mounting mechanism.
F&eIT Protocol Specifications
The sudden spread of the Internet has resulted in networks springing up
in a wide range of fields. This, in turn, has resulted in the appearance of
many information devices that make use of this infrastructure. Yet, it is a
fact that interconnectivity - the greatest advantage of networks - is not
being used to its fullest. CONTEC sees networks as a prime part of the
system bus concept and has developed distributed monitor & control
networks that organically integrate various applications from corporate
offices through to field applications.
The following defines the common protocol layers that will be provided
in all products based upon the communications server concept. Such
products, complying with the communications server specifications, will
be able to access device information using the same protocol.
(1.2)
25.2
64.7
4.0
3.5
(1.2)
[mm]
5 V D
Vo+
Vo-
FG
CPU-CA20
RUN
Unit
ID
6
STATUS
Group
ID
C
ACT
LIN
RESET
(1.2)
25.2
64.7
4.0
3.5
(1.2)
[mm]
5 V D
Vo+
Vo-
FG
CPU-CA20
RUN
Unit
ID
6
STATUS
Group
ID
C
ACT
LIN
RESET
I/O Assist Server Unit
Local terminal
Office terminal
Internet
I/O Controller Unit
I/O Controller Unit
I/O Controller Unit
HUB
Router
Device
Device
Device
Device


Similar Part No. - CPU-CA20GY

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CPU-111-10 ETC2-CPU-111-10 Datasheet
375Kb / 3P
   OpenVPX Compatible Quad Core Intel Xeon Integrated 12-port 10Gb Ethernet Switch
CPU-1440 ETC2-CPU-1440 Datasheet
328Kb / 2P
   Vortex86DX processor at 600MHz x86 compatibility
CPU-1452 ETC2-CPU-1452 Datasheet
212Kb / 3P
   Celeron 400MHz Fanless SBC with 4x USB 2.0 and 4x USB 1.1 ports (RoHS)
CPU-1454 ETC2-CPU-1454 Datasheet
213Kb / 3P
   Celeron 400MHz Fanless SBC with Gigabit & Fast Ethernet
CPU-1472 ETC2-CPU-1472 Datasheet
53Kb / 3P
   Intel짰 Celeron짰 M 1GHz, 512KB L2 cache, 400MHz FSB
More results

Similar Description - CPU-CA20GY

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AX10410A ETC-AX10410A Datasheet
63Kb / 2P
   High Speed Data Acquisition Module
logo
National Instruments Co...
NI9233 NI-NI9233 Datasheet
544Kb / 6P
   Sound and Vibration Data Acquisition
NIUSB-4431 NI-NIUSB-4431 Datasheet
185Kb / 5P
   Sound and Vibration Data Acquisition
logo
Keysight Technologies
M9216A KEYSIGHT-M9216A Datasheet
599Kb / 7P
   PXI High Voltage Data Acquisition Module
logo
Intersil Corporation
ADC0801 INTERSIL-ADC0801 Datasheet
6Mb / 180P
   Data Acquisition
logo
Maxim Integrated Produc...
MAX44000EVSYS MAXIM-MAX44000EVSYS Datasheet
2Mb / 25P
   Continuous Data Acquisition
Rev 0; 11/11
logo
Semtech Corporation
XE8805 SEMTECH-XE8805 Datasheet
1Mb / 156P
   Data Acquisition MCU
Rev 1 January 2006
logo
Pico Technology Ltd.
1000 PICO-1000 Datasheet
1Mb / 8P
   Multipurpose data acquisition
logo
Red Lion Controls. Inc
DLCN0001 REDLION-DLCN0001 Datasheet
314Kb / 4P
   MODEL DLCN - DUAL LOOP CONTROLLER / DATA ACQUISITION MODULE
DLCN1001 REDLION-DLCN1001 Datasheet
314Kb / 4P
   MODEL DLCN - DUAL LOOP CONTROLLER / DATA ACQUISITION MODULE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com