Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP47CMB11 Datasheet(PDF) 112 Page - Microchip Technology

Part # MCP47CMB11
Description  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with I2C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47CMB11 Datasheet(HTML) 112 Page - Microchip Technology

Back Button MCP47CMB11 Datasheet HTML 108Page - Microchip Technology MCP47CMB11 Datasheet HTML 109Page - Microchip Technology MCP47CMB11 Datasheet HTML 110Page - Microchip Technology MCP47CMB11 Datasheet HTML 111Page - Microchip Technology MCP47CMB11 Datasheet HTML 112Page - Microchip Technology MCP47CMB11 Datasheet HTML 113Page - Microchip Technology MCP47CMB11 Datasheet HTML 114Page - Microchip Technology MCP47CMB11 Datasheet HTML 115Page - Microchip Technology MCP47CMB11 Datasheet HTML 116Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 124 page
background image
MCP47CXBXX
DS20006089B-page 112
 2018-2019 Microchip Technology Inc.
B.3.4
SLOPE CONTROL
As the device transitions from High-Speed (HS) mode to
Fats (FS) mode, the slope control parameter will change
from the HS specification to the FS specification.
For FS and HS modes, the device has a spike
suppression and a Schmitt Trigger at SDA and SCL
inputs.
B.3.5
DEVICE ADDRESSING
The I2C Slave address control byte is the first byte
received following the Start condition from the Master
device. This byte has seven bits to specify the Slave
address and the read/write control bit.
Figure B-9 shows the I2C Slave address byte format,
which contains the seven address bits and a
Read/Write (R/W) bit.
FIGURE B-9:
I2C Slave Address Control
Byte.
B.3.6
HS MODE
The I2C specification requires that a High-Speed mode
device must be ‘activated’ to operate in High-Speed
(3.4 Mbit/s) mode. This is done by the Master sending
a special address byte following the Start bit. This byte
is referred to as the High-Speed Master Mode Code
(HSMMC).
The device can now communicate at up to 3.4 Mbit/s
on SDA and SCL lines. The device will switch out of the
HS mode on the next Stop condition.
The Master code is sent as follows:
1.
Start condition (S).
2.
High-Speed Master Mode Code (‘0000 1xxx’);
the ‘xxx’ bits are unique to the HS mode Master.
3.
No Acknowledge (A).
After switching to HS mode, the next transferred byte is
the I2C control byte, which specifies the device to com-
municate with, and any number of data bytes plus
Acknowledgments. The Master device can then either
issue a Repeated Start bit to address a different device
(at high speed) or a Stop bit to return to fast/standard
bus speed. After the Stop bit, any other Master device
(in a Multi-Master system) can arbitrate for the I2C bus.
See Figure B-10 for an illustration of an HS mode
command sequence.
For more information on the HS mode, or other I2C
modes, refer to the “NXP I2C Specification”.
B.3.6.1
Slope Control
The slope control on the SDA output is different
between the Fast/Standard Speed and the High-Speed
Clock modes of the interface.
B.3.6.2
Pulse Gobbler
The pulse gobbler on the SCL pin is automatically
adjusted to suppress spikes <10 ns during HS mode.
FIGURE B-10:
HS Mode Sequence.
Start Bit
Read/Write Bit
Address Byte
R/W ACK
Acknowledge Bit
7-Bit Slave Address
A6
A5
A4
A3
A2
A1
A0
SA
0000 1xxx’b
Sr
A
Slave Address
A/A
Data
P
S = Start bit
Sr = Repeated Start bit
A = Acknowledge bit
A = Not Acknowledge bit
R/W = Read/Write bit
R/W
P = Stop bit (Stop condition terminates HS mode)
F/S Mode
HS Mode
HS Mode Continues
F/S Mode
Sr
A
Slave Address R/W
HS Select Byte
Control Byte
Command/Data Byte(s)
Control Byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com