Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8NM60ND Datasheet(PDF) 8 Page - VBsemi Electronics Co.,Ltd

Part # 8NM60ND
Description  N-Channel 650V (D-S) Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

8NM60ND Datasheet(HTML) 8 Page - VBsemi Electronics Co.,Ltd

Back Button 8NM60ND Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd 8NM60ND Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd 8NM60ND Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd 8NM60ND Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd 8NM60ND Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd 8NM60ND Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd 8NM60ND Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd 8NM60ND Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd 8NM60ND Datasheet HTML 10Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
TO-220 FULLPAK (HIGH VOLTAGE)
Notes
1. To be used only for process drawing.
2. These dimensions apply to all TO-220, FULLPAK leadframe versions 3 leads.
3. All critical dimensions should C meet Cpk > 1.33.
4. All dimensions include burrs and plating thickness.
5. No chipping or package damage.
E
b
n
d1
L
e
b2
b3
Ø P
L1
d3
D
c
A2
u
V
A1
A
MILLIMETERS
INCHES
DIM.
MIN.
MAX.
MIN.
MAX.
A
4.570
4.830
0.180
0.190
A1
2.570
2.830
0.101
0.111
A2
2.510
2.850
0.099
0.112
b
0.622
0.890
0.024
0.035
b2
1.229
1.400
0.048
0.055
b3
1.229
1.400
0.048
0.055
c
0.440
0.629
0.017
0.025
D
8.650
9.800
0.341
0.386
d1
15.88
16.120
0.622
0.635
d3
12.300
12.920
0.484
0.509
E
10.360
10.630
0.408
0.419
e
2.54 BSC
0.100 BSC
L
13.200
13.730
0.520
0.541
L1
3.100
3.500
0.122
0.138
n
6.050
6.150
0.238
0.242
Ø P
3.050
3.450
0.120
0.136
u
2.400
2.500
0.094
0.098
v
0.400
0.500
0.016
0.020
ECN: X09-0126-Rev. B, 26-Oct-09
DWG: 5972
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
8NM60ND TO220
8


Similar Part No. - 8NM60ND

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
8NM60 UTC-8NM60 Datasheet
238Kb / 7P
   8.0A, 600V N-CHANNEL POWER MOSFET
8NM60G-TA3-T UTC-8NM60G-TA3-T Datasheet
238Kb / 7P
   8.0A, 600V N-CHANNEL POWER MOSFET
8NM60G-TF1-T UTC-8NM60G-TF1-T Datasheet
238Kb / 7P
   8.0A, 600V N-CHANNEL POWER MOSFET
8NM60G-TF2-T UTC-8NM60G-TF2-T Datasheet
238Kb / 7P
   8.0A, 600V N-CHANNEL POWER MOSFET
8NM60G-TF3-T UTC-8NM60G-TF3-T Datasheet
238Kb / 7P
   8.0A, 600V N-CHANNEL POWER MOSFET
More results

Similar Description - 8NM60ND

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
9NC60 VBSEMI-9NC60 Datasheet
1Mb / 10P
   N-Channel 650V (D-S) Power MOSFET
AP10N70P-A VBSEMI-AP10N70P-A Datasheet
1Mb / 10P
   N-Channel 650V (D-S) Power MOSFET
STF6N60M2 VBSEMI-STF6N60M2 Datasheet
1Mb / 11P
   N-Channel 650V (D-S) Power MOSFET
2SK2645 VBSEMI-2SK2645 Datasheet
1Mb / 11P
   N-Channel 650V (D-S) Power MOSFET
AOT10N60 VBSEMI-AOT10N60 Datasheet
1Mb / 10P
   N-Channel 650V (D-S) Power MOSFET
4N60KL-TM3-T VBSEMI-4N60KL-TM3-T Datasheet
1Mb / 9P
   N-Channel 650V (D-S) Power MOSFET
6N65G-TA3-T VBSEMI-6N65G-TA3-T Datasheet
1Mb / 10P
   N-Channel 650V (D-S) Power MOSFET
AM9N65P VBSEMI-AM9N65P Datasheet
1Mb / 10P
   N-Channel 650V (D-S) Power MOSFET
NDD02N60Z-1G VBSEMI-NDD02N60Z-1G Datasheet
1Mb / 9P
   N-Channel 650V (D-S)Power MOSFET
NDD04N50Z-1G VBSEMI-NDD04N50Z-1G Datasheet
1Mb / 9P
   N-Channel 650V (D-S)Power MOSFET
02N60S5 VBSEMI-02N60S5 Datasheet
1Mb / 8P
   N-Channel 650V (D-S) Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com