Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCIE-7360 Datasheet(PDF) 1 Page - Adlink Technology Inc.

Part # PCIE-7360
Description  100 MHz 32-CH High-Speed Digital I/O Card
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADLINK [Adlink Technology Inc.]
Direct Link  https://www.adlinktech.com/en/index
Logo ADLINK - Adlink Technology Inc.

PCIE-7360 Datasheet(HTML) 1 Page - Adlink Technology Inc.

  PCIE-7360 Datasheet HTML 1Page - Adlink Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Updated September 23, 2014. ©2014 ADLINK Technology, Inc. All Rights Reserved. All specifications are subject to change without further notice.
100 MHz 32-CH High-Speed Digital I/O Card
PCIe-7360
Introduction
ADLINK’s PCIe-7360 is a high-speed digital I/O board with 32-CH bi-directional parallel I/O, with data rates up to 400
MB/s are available through the x4 PCI Express® interface, and clock rates up to 100 MHz internal or 200 MHz external,
ideally suiting high speed and large scale digital data acquisition or exchange applications, such as digital image capture,
video playback and IC testing.
■Supported Operating System
•Windows 7/8 x64/x86, Linux
■ Driver and SDK
•LabVIEW, MATLAB, C/C++, Visual Basic,
Visual Studio.NET
Specifications
Digital I/O
32-channels, per group (8-channel) input/output
direction, with selectable logic levels: 1.8 V, 2.5 V,
3.3 V (software selectable)
Power-up status: All digital inputs
Impedance:
•Input: 10 kΩ
•Output: 50 Ω
Input protection: -1 to 6 V
Data transfer: Programmable I/O, bus-mastering
DMA with scatter-gather
Maximum data transfer rate: 400 MB/s
Digital logic levels:
Ordering Information
■ PCIe-7360
100 MHz 32-CH High-Speed Digital I/O PCI
Express® Card
Terminal Boards & Cables
■DIN-68H-01
Terminal board with one 68-pin SCSI-VHDCI
connector and 0 or 50 Ω jumper selectable
impedance (Cables are not included.)
■ACL-10279
•68-pin SCSI-VHDCI cable with 50 Ω impedance
■SMB-SMB-1M
•SMB to SMB cable, 1M
* For more information about mating cables, please refer to
P3-48/49.
Logic Levels
1.8 V
2.5 V
3.3 V
Digital Input
Min. input high voltage
1.2 V
1.6 V
2 V
Max. input low voltage
0.63 V
0.7 V
0.8 V
Digital Output
Min. output high voltage
1.6 V
2.3 V
3.1 V
Max. output low voltage
0.2 V
0.2 V
0.2 V
Max. output driving current
8 mA
16 mA 32 mA
Features
x4 lane PCI Express® Interface
8/16/24/32-CH at up to100MHz for DI or DO
8/16-CH at up to 200MHz for DI in external clock mode
400 MB/s maximum throughput
Voltage level software selectable from 1.8 V, 2.5 V, and
3.3 V
80-step phase shift in external clock mode
Per group (8-bit) input/output direction selectable
Support for I2C and SPI programmable serial interfaces
for external device communication
Scatter-gather DMA support
Flexible handshake and external digital trigger modes
8-channel auxiliary programmable I/O
Software Support
PCIe-7360 Block Diagram
Clocking Mode
Internal clock: up to 100 MHz (100 MHz / N;
1<N<65535)
External clock: up to 100 MHz (support 8/16/24/
32-bit data width for DI/DO); up to 200 MHz
(support 8/16-bit data width for DI only)
Handshake
Burst handshake
Trigger Sources
Software trigger
External digital trigger: AFI[0…7]
Trigger Modes
Post trigger, Retrigger, Pattern match, Handshake
Change of State Interrupt
Interrupt sources: Any of 32 channels or a pre-define
channel change-of-state
Application Function I/O
8 channels
Supported modes: static I/O, I2C or SPI master
node, external clock input/output, external digital
trigger input, handshake
3-33 www.adlinktech.com


Similar Part No. - PCIE-7360

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
PCIE-7360 NIC-PCIE-7360 Datasheet
297Kb / 2P
100 MHz 32-CH High-Speed Digital I/O Card
More results

Similar Description - PCIE-7360

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
USB-4750 ADVANTECH-USB-4750 Datasheet
519Kb / 1P
32-ch Isolated Digital I/O USB Module
PCIE-1730 ADVANTECH-PCIE-1730 Datasheet
234Kb / 1P
32-ch TTL and 32-ch Isolated Digital I/O PCI Express Card
logo
NIC-Components Corp.
PCIE-7360 NIC-PCIE-7360 Datasheet
297Kb / 2P
100 MHz 32-CH High-Speed Digital I/O Card
logo
List of Unclassifed Man...
CPCI-7300 ETC2-CPCI-7300 Datasheet
382Kb / 2P
80 MB/s High-Speed 32-CH Digital I/O Cards
PCIE-7350 ETC2-PCIE-7350 Datasheet
380Kb / 2P
50 MHz 32-CH High-Speed Digital I/O Card
logo
Advantech Co., Ltd.
PCI-1730U ADVANTECH-PCI-1730U_15 Datasheet
271Kb / 1P
32-ch Isolated Digital I/O Universal PCI Card
PCIE-1730 ADVANTECH-PCIE-1730_15 Datasheet
212Kb / 1P
32-ch TTL and 32-ch Isolated Digital I/O PCI Express Card
PCM-3730 ADVANTECH-PCM-3730 Datasheet
390Kb / 7P
32-ch Isolated Digital I/O Module
PCIE-1730 ADVANTECH-PCIE-1730_V01 Datasheet
390Kb / 1P
32-Ch TTL, 32-Ch Isolated Digital I/O PCIe Card
27-Jun-2018
AIIS-1750 ADVANTECH-AIIS-1750 Datasheet
308Kb / 1P
32-ch Isolated Digital I/O Card
4-Oct-2018
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com