Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTL8188ER-CG Datasheet(PDF) 10 Page - Realtek Semiconductor Corp.

Part # RTL8188ER-CG
Description  SINGLE-CHIP IEEE 802.11b/g/n 1T1R WLAN
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL8188ER-CG Datasheet(HTML) 10 Page - Realtek Semiconductor Corp.

Back Button RTL8188ER-CG Datasheet HTML 6Page - Realtek Semiconductor Corp. RTL8188ER-CG Datasheet HTML 7Page - Realtek Semiconductor Corp. RTL8188ER-CG Datasheet HTML 8Page - Realtek Semiconductor Corp. RTL8188ER-CG Datasheet HTML 9Page - Realtek Semiconductor Corp. RTL8188ER-CG Datasheet HTML 10Page - Realtek Semiconductor Corp. RTL8188ER-CG Datasheet HTML 11Page - Realtek Semiconductor Corp. RTL8188ER-CG Datasheet HTML 12Page - Realtek Semiconductor Corp. RTL8188ER-CG Datasheet HTML 13Page - Realtek Semiconductor Corp. RTL8188ER-CG Datasheet HTML 14Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
RTL8188ER
Datasheet
Single-Chip IEEE 802.11b/g/n 1T1R WLAN Controller
with PCIe Interface
6
Track ID: JATR-2265-11 Rev. 0.3
3.2. Single-Band 11n (1x1) Solution with Transmit & Receive
Diversity
Antenna A
SPDT
.
PA
Receiver
RX I/Q
SWR/LDO
Regulators
40MHz
Crystal
MAC
Configuration
Control and
Memory
Ext
Interface
Baseband
( PHY)
PCI-E
Host Interface
3.3V
TX I/Q
2.4GHz
Transmitter
Matchi
ng
Matchi
ng
NV
Memory
RTL8188ER
Balun/
Filter
Circuit
matching
Antenna B
Figure 2.Single-Band 11n (1x1) dual antenna diversity Solution
3.3. Single-Band 11n (1x1) Solution with Receive-Only Diversity
Antenna A
.
PA
Receiver
SWR/LDO
Regulators
40 MHz
Crystal
MAC
Configuration
Control and
Memory
Ext
Interface
Baseband
( PHY)
PCI-E
Host Interface
3.3V
TX I/Q
2.4 GHz
Transmitter
NV Memory
RTL8188ER
Balun/
Filter
Circuit
matching
RX IQ
matching
Antenna B


Similar Part No. - RTL8188ER-CG

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8188ETV REALTEK-RTL8188ETV Datasheet
393Kb / 20P
SINGLE-CHIP IEEE 802.11b/g/n 1T1R WLAN
More results

Similar Description - RTL8188ER-CG

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8188ETV REALTEK-RTL8188ETV Datasheet
393Kb / 20P
SINGLE-CHIP IEEE 802.11b/g/n 1T1R WLAN
RTL8189EM-CG REALTEK-RTL8189EM-CG Datasheet
433Kb / 21P
SINGLE-CHIP IEEE 802.11b/g/n 1T1R WLAN With SDIO INTERFACE
logo
Richtek Technology Corp...
RTL8189ETV RICHTEK-RTL8189ETV Datasheet
647Kb / 23P
SINGLE-CHIP IEEE 802.11b/g/n 1T1R WLAN With SDIO INTERFACE
logo
List of Unclassifed Man...
RT5390 ETC1-RT5390 Datasheet
2Mb / 36P
802.11b/g/n 1T1R WLAN Mini Card
logo
Realtek Semiconductor C...
RTL8191SE REALTEK-RTL8191SE Datasheet
288Kb / 16P
SINGLE-CHIP IEEE 802.11b/g/n WLAN CONTROLLER with PCI EXPRESSTM INTERFACE
Rev. 0.4 Nov 2008
logo
STMicroelectronics
STLC4550 STMICROELECTRONICS-STLC4550 Datasheet
147Kb / 5P
Single chip 802.11b/g WLAN radio
STLC4560 STMICROELECTRONICS-STLC4560 Datasheet
105Kb / 8P
Single chip 802.11b/g WLAN radio
logo
Realtek Semiconductor C...
RTL8192CE-GR REALTEK-RTL8192CE-GR Datasheet
269Kb / 18P
SINGLE-CHIP IEEE 802.11b/g/n 2T2R WLAN CONTROLLER w/PCI EXPRESS INTERFACE
logo
STMicroelectronics
STLC4420A STMICROELECTRONICS-STLC4420A Datasheet
486Kb / 40P
Single chip 802.11b/g/a WLAN radio
April 2006 Rev 1
logo
List of Unclassifed Man...
RTL8188CTV ETC-RTL8188CTV Datasheet
522Kb / 9P
WLAN 11b/g/n USB module (1T1R)
Version: V2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com