Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7LITE30 Datasheet(PDF) 139 Page - STMicroelectronics

Part # ST7LITE30
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH, DATA EEPROM, ADC, TIMERS, SPI, LINSCI
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE30 Datasheet(HTML) 139 Page - STMicroelectronics

Back Button ST7LITE30 Datasheet HTML 135Page - STMicroelectronics ST7LITE30 Datasheet HTML 136Page - STMicroelectronics ST7LITE30 Datasheet HTML 137Page - STMicroelectronics ST7LITE30 Datasheet HTML 138Page - STMicroelectronics ST7LITE30 Datasheet HTML 139Page - STMicroelectronics ST7LITE30 Datasheet HTML 140Page - STMicroelectronics ST7LITE30 Datasheet HTML 141Page - STMicroelectronics ST7LITE30 Datasheet HTML 142Page - STMicroelectronics ST7LITE30 Datasheet HTML 143Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 167 page
background image
ST7LITE3
139/167
SUPPLY CURRENT CHARACTERISTICS (Cont’d)
Figure 78. Typical IDD in WAIT vs. fCPU
Figure 79. Typical IDD in SLOW-WAIT vs. fCPU
Figure 80. Typical IDD vs. Temperature
at VDD = 5V and fOSC = 16MHz
Figure 81. Typical IDD vs. Temperature and VDD
at fOSC = 16MHz
13.4.2 On-chip peripherals
1. Data based on a differential IDD measurement between reset configuration (timer stopped) and a timer running in PWM
mode at fcpu=8MHz.
2. Data based on a differential IDD measurement between reset configuration and a permanent SPI master communica-
tion (data sent equal to 55h).
3. Data based on a differential IDD measurement between reset configuration and continuous A/D conversions.
4. Data based on a differential IDD measurement between LINSCI running at maximum speed configuration (500 kbaud,
continuous transmission of AA +RE enabled and LINSCI off. This measurement includes the pad toggling consump-
tion.
0.0
0.5
1.0
1.5
2.0
2.5
2.4
2.7
3.3
456
Vdd (V)
8MHz
4MHz
1MHz
0.00
100.00
200.00
300.00
400.00
500.00
600.00
700.00
800.00
2.4
2.7
3.3
4
5
6
Vdd (V)
8MHz
4MHz
1MHz
0.00
1.00
2.00
3.00
4.00
5.00
6.00
-45
25
90
130
Temperature (°C)
RUN
WAIT
SLOW
SLOW WAIT
0.00
1.00
2.00
3.00
4.00
5.00
6.00
-45
25
90
130
Temperature (°C)
5
3.3
2.7
Symbol
Parameter
Conditions
Typ
Unit
IDD(AT)
12-bit Auto-Reload Timer supply current 1)
fCPU=4MHz
VDD=3.0V
150
µA
fCPU=8MHz
VDD=5.0V
1000
IDD(SPI)
SPI supply current 2)
fCPU=4MHz
VDD=3.0V
50
fCPU=8MHz
VDD=5.0V
200
IDD(ADC)
ADC supply current when converting 3)
fADC=4MHz
VDD=3.0V
250
VDD=5.0V
1100
IDD(LINSCI) LINSCI supply current when transmitting
4)
fCPU=8MHz
VDD=5.0V
650



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com