Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7LITE30 Datasheet(PDF) 166 Page - STMicroelectronics

Part # ST7LITE30
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH, DATA EEPROM, ADC, TIMERS, SPI, LINSCI
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE30 Datasheet(HTML) 166 Page - STMicroelectronics

Back Button ST7LITE30 Datasheet HTML 159Page - STMicroelectronics ST7LITE30 Datasheet HTML 160Page - STMicroelectronics ST7LITE30 Datasheet HTML 161Page - STMicroelectronics ST7LITE30 Datasheet HTML 162Page - STMicroelectronics ST7LITE30 Datasheet HTML 163Page - STMicroelectronics ST7LITE30 Datasheet HTML 164Page - STMicroelectronics ST7LITE30 Datasheet HTML 165Page - STMicroelectronics ST7LITE30 Datasheet HTML 166Page - STMicroelectronics ST7LITE30 Datasheet HTML 167Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 166 / 167 page
background image
ST7LITE3
166/167
17 REVISION HISTORY
Date
Revision
Main changes
29-Jul-05
4.0
First release on Internet
Main changes (versus rev. 3.0):
– Changed status of the document: datasheet instead of preliminary data
– Changed number of timers on first page
– Changed IDD(PLL) and added note 4 to IDD(RC) in section 13.3.1.1 on page 132 and section
13.3.1.2 on page 134
– Removed section 13.3.2 (General Operating Conditions: Suffix 3 Devices)
– Removed note 7 to section 13.6 on page 141
– Added Vhys typical value to section 13.8.1 on page 144 and changed RPU typ value at
VDD=3V
– Added Figure 69 on page 133 and Figure 71 on page 135
– Added Figure 70 on page 133 and Figure 72 on page 135
– Added Figure 73, Figure 74 and Figure 75 on page 136
– Added note to Figure 82 on page 144
– Added Figure 83 on page 145
– Removed min and max values for VDD=3V and VDD=4V in section 13.8.2 on page 146
– Added RON typ value for VDD=3V in section 13.9.1 on page 149 and changed RON typ value
for VDD=5V
– In section 13.11 on page 153, added fADC min value, CADC and RAIN values and removed
IADC row
– Changed section 15.3 on page 162 (removed note 1 to DVP3 and added in-circuit debug-
ging tools)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com