Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7LITE39 Datasheet(PDF) 119 Page - STMicroelectronics

Part # ST7LITE39
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH, DATA EEPROM, ADC, TIMERS, SPI, LINSCI
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE39 Datasheet(HTML) 119 Page - STMicroelectronics

Back Button ST7LITE39 Datasheet HTML 115Page - STMicroelectronics ST7LITE39 Datasheet HTML 116Page - STMicroelectronics ST7LITE39 Datasheet HTML 117Page - STMicroelectronics ST7LITE39 Datasheet HTML 118Page - STMicroelectronics ST7LITE39 Datasheet HTML 119Page - STMicroelectronics ST7LITE39 Datasheet HTML 120Page - STMicroelectronics ST7LITE39 Datasheet HTML 121Page - STMicroelectronics ST7LITE39 Datasheet HTML 122Page - STMicroelectronics ST7LITE39 Datasheet HTML 123Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 167 page
background image
ST7LITE3
119/167
11.6 10-BIT A/D CONVERTER (ADC)
11.6.1 Introduction
The on-chip Analog to Digital Converter (ADC) pe-
ripheral is a 10-bit, successive approximation con-
verter with internal sample and hold circuitry. This
peripheral has up to 7 multiplexed analog input
channels (refer to device pin out description) that
allow the peripheral to convert the analog voltage
levels from up to 7 different sources.
The result of the conversion is stored in a 10-bit
Data Register. The A/D converter is controlled
through a Control/Status Register.
11.6.2 Main Features
10-bit conversion
Up to 7 channels with multiplexed input
Linear successive approximation
Data register (DR) which contains the results
Conversion complete status flag
On/off bit (to reduce consumption)
The block diagram is shown in Figure 65.
11.6.3 Functional Description
11.6.3.1 Analog Power Supply
VDDA and VSSA are the high and low level refer-
ence voltage pins. In some devices (refer to device
pin out description) they are internally connected
to the VDD and VSS pins.
Conversion accuracy may therefore be impacted
by voltage drops and noise in the event of heavily
loaded or badly decoupled power supply lines.
Figure 65. ADC Block Diagram
CH2
CH1
EOC SPEED ADON
0
CH0
ADCCSR
AIN0
AIN1
ANALOG TO DIGITAL
CONVERTER
AINx
ANALOG
MUX
D4
D3
D5
D9
D8
D7
D6
D2
ADCDRH
3
D1
D0
ADCDRL
00
0
0
SLOW
0
0
RADC
CADC
HOLD CONTROL
fADC
fCPU
0
1
1
0
DIV 2
DIV 4
SLOW
bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com