Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXG106144 Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # AXG106144
Description  Automation Controls Catalog
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXG106144 Datasheet(HTML) 7 Page - Panasonic Semiconductor

Back Button AXG106144 Datasheet HTML 3Page - Panasonic Semiconductor AXG106144 Datasheet HTML 4Page - Panasonic Semiconductor AXG106144 Datasheet HTML 5Page - Panasonic Semiconductor AXG106144 Datasheet HTML 6Page - Panasonic Semiconductor AXG106144 Datasheet HTML 7Page - Panasonic Semiconductor AXG106144 Datasheet HTML 8Page - Panasonic Semiconductor AXG106144 Datasheet HTML 9Page - Panasonic Semiconductor AXG106144 Datasheet HTML 10Page - Panasonic Semiconductor AXG106144 Datasheet HTML 11Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Narrow pitch connectors
S35 (0.35mm pitch)
–7–
ACCTB66E 201803-T
NOTES (Unit: mm)
Design of PC board patterns
Conduct the recommended foot pattern design, in order to
preserve the mechanical strength of terminal solder areas.
Recommended PC board and metal mask patterns
Connectors are mounted with high pitch density, intervals of 0.35
mm, 0.4 mm or 0.5 mm. In order to reduce solder and flux rise,
solder bridges and other issues make sure the proper levels of
solder is used.
The figures are recommended patterns. Please use them as a
reference.
Socket (Mated height: 0.6 mm)
Recommended PC board pattern
(TOP VIEW)
Recommended metal mask pattern
Metal mask thickness: When 100
μm
(Terminal opening ratio: 70%)
(Metal-part opening ratio: 100%)
Socket (Mated height: 0.8 mm)
Recommended PC board pattern
(TOP VIEW)
Recommended metal mask pattern
Metal mask thickness: When 100
μm
(Terminal opening ratio: 70%)
(Metal-part opening ratio: 100%)
:Insulation area
0.85±0.03
0.40±0.03
0.49±0.03
0.35±0.03
0.20±0.03
1.35±0.03
1.35±0.01
0.85±0.01
0.40±0.01
0.49±0.01
0.35±0.01
0.18±0.01
:Insulation area
0.35±0.03
0.20±0.03
0.80±0.03
0.50±0.03
0.40±0.03
1.275±0.03
0.35±0.01
0.18±0.01
0.40±0.01
0.50±0.01
0.80±0.01
1.275±0.01


Similar Part No. - AXG106144

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AXG25 ETC2-AXG25 Datasheet
4Mb / 122P
   E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
logo
Advanced XTAL Products
AXG2X45G AXTAL-AXG2X45G Datasheet
147Kb / 3P
   Dual Frequency Gated Oscillator 1030 / 1090 MHz
AXGAP52F AXTAL-AXGAP52F Datasheet
67Kb / 2P
   GaPO4 - Crystal Resonator Unit
AXGCM5600-240-PT AXTAL-AXGCM5600-240-PT Datasheet
165Kb / 2P
   GaPO4 ??Crystal Microbalance Element (Monitor Crystal) For High Temperature Applications up to 850째C
AXGCM5600-500-PT AXTAL-AXGCM5600-500-PT Datasheet
162Kb / 2P
   GaPO4 ??Crystal Microbalance Element (Monitor Crystal) For High Temperature Applications up to 900째C
More results

Similar Description - AXG106144

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AYF564035 PANASONIC-AYF564035 Datasheet
563Kb / 10P
   Automation Controls Catalog
ADQM26012 PANASONIC-ADQM26012 Datasheet
77Kb / 3P
   Automation Controls Catalog
AXE710127 PANASONIC-AXE710127 Datasheet
428Kb / 11P
   Automation Controls Catalog
AXT510124 PANASONIC-AXT510124 Datasheet
483Kb / 13P
   Automation Controls Catalog
AXC61S5170 PANASONIC-AXC61S5170 Datasheet
533Kb / 10P
   Automation Controls Catalog
AXK520147YG PANASONIC-AXK520147YG Datasheet
428Kb / 15P
   Automation Controls Catalog
ALFG2PF24 PANASONIC-ALFG2PF24 Datasheet
127Kb / 6P
   Automation Controls Catalog
A35UH PANASONIC-A35UH Datasheet
404Kb / 10P
   Automation Controls Catalog
AXT140124 PANASONIC-AXT140124 Datasheet
461Kb / 11P
   Automation Controls Catalog
logo
OSRAM GmbH
SFH2711 OSRAM-SFH2711 Datasheet
975Kb / 16P
   Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com