Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXG106144 Datasheet(PDF) 11 Page - Panasonic Semiconductor

Part # AXG106144
Description  Automation Controls Catalog
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXG106144 Datasheet(HTML) 11 Page - Panasonic Semiconductor

Back Button AXG106144 Datasheet HTML 5Page - Panasonic Semiconductor AXG106144 Datasheet HTML 6Page - Panasonic Semiconductor AXG106144 Datasheet HTML 7Page - Panasonic Semiconductor AXG106144 Datasheet HTML 8Page - Panasonic Semiconductor AXG106144 Datasheet HTML 9Page - Panasonic Semiconductor AXG106144 Datasheet HTML 10Page - Panasonic Semiconductor AXG106144 Datasheet HTML 11Page - Panasonic Semiconductor AXG106144 Datasheet HTML 12Page - Panasonic Semiconductor AXG106144 Datasheet HTML 13Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Notes on Using Narrow pitch Connectors/High Current Connectors
–3–
ACCTB48E 201803-T
Solder reworking
Handling single components
Precautions for mating
Cleaning flux from PC board
Handling the PC board
Storage of connectors
Other Notes
1) Finish reworking in one operation.
2) In case of soldering rework of bridges. Do not use
supplementary solder flux. Doing so may cause contact
problems by flux.
3) Keep the soldering iron tip temperature below the
temperature given in Table A.
1) Make sure not to drop or allow parts to fall from work bench.
2) Excessive force applied to the terminals could cause warping,
come out, or weaken the adhesive strength of the solder. Handle
with care.
3) Do not insert or remove the connector when it is not soldered.
Forcibly applied external pressure on the terminals can weaken
the adherence of the terminals to the molded part or cause the
terminals to lose their evenness.
This product is designed with ease of handling. However, in
order to prevent the deformation or damage of contacts and
molding, take care and do not mate the connectors as shown
right.
Tilted mating
Strongly pressed and
twisted
Press-fitting while the mating
inlets of the socket and
header are not matched.
There is no need to clean this product.
If cleaning it, pay attention to the following points to prevent the
negative effect to the product.
1) Keep the cleaning solvent clean and prevent the connector
contacts from contamination.
2) Some cleaning solvents are strong and they may dissolve the
molded part and characters, so pure water passed liquid solvent
is recommended.
Handling the PC board after mounting the connector
When cutting or bending the PC board after mounting the
connector, be careful that the soldered sections are subjected to
excessive force.
The soldered areas should not be subjected to force.
1) To prevent problems from voids or air pockets due to heat of
reflow soldering, avoid storing the connectors in areas of high
humidity.
2) Depending on the connector type, the color of the connector
may vary from connector to connector depending on when it is
produced. Some connectors may change color slightly if
subjected to ultraviolet rays during storage. This is normal and
will not affect the operation of the connector.
3) When storing the connectors with the PC boards assembled
and components already set, be careful not to stack them up so
the connectors are subjected to excessive forces.
4) Avoid storing the connectors in locations with excessive dust.
The dust may accumulate and cause improper connections at
the contact surfaces.
1) Do not remove or insert the electrified connector (in the state
of carrying current or applying voltage).
2) Dropping of the products or rough mishandling may bend or
damage the terminals and possibly hinder proper reflow
soldering.
3) Before soldering, try not to insert or remove the connector
more than absolutely necessary.
4) When coating the PC board after soldering the connector to
prevent the deterioration of insulation, perform the coating in
such a way so that the coating does not get on the connector.
5) There may be variations in the colors of products from
different production lots. This is normal.
6) The connectors are not meant to be used for switching.
7) Product failures due to condensation are not covered by
warranty.


Similar Part No. - AXG106144

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AXG25 ETC2-AXG25 Datasheet
4Mb / 122P
E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
logo
Advanced XTAL Products
AXG2X45G AXTAL-AXG2X45G Datasheet
147Kb / 3P
Dual Frequency Gated Oscillator 1030 / 1090 MHz
AXGAP52F AXTAL-AXGAP52F Datasheet
67Kb / 2P
GaPO4 - Crystal Resonator Unit
AXGCM5600-240-PT AXTAL-AXGCM5600-240-PT Datasheet
165Kb / 2P
GaPO4 ??Crystal Microbalance Element (Monitor Crystal) For High Temperature Applications up to 850째C
AXGCM5600-500-PT AXTAL-AXGCM5600-500-PT Datasheet
162Kb / 2P
GaPO4 ??Crystal Microbalance Element (Monitor Crystal) For High Temperature Applications up to 900째C
More results

Similar Description - AXG106144

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AYF564035 PANASONIC-AYF564035 Datasheet
563Kb / 10P
Automation Controls Catalog
ADQM26012 PANASONIC-ADQM26012 Datasheet
77Kb / 3P
Automation Controls Catalog
AXE710127 PANASONIC-AXE710127 Datasheet
428Kb / 11P
Automation Controls Catalog
AXT510124 PANASONIC-AXT510124 Datasheet
483Kb / 13P
Automation Controls Catalog
AXC61S5170 PANASONIC-AXC61S5170 Datasheet
533Kb / 10P
Automation Controls Catalog
AXK520147YG PANASONIC-AXK520147YG Datasheet
428Kb / 15P
Automation Controls Catalog
ALFG2PF24 PANASONIC-ALFG2PF24 Datasheet
127Kb / 6P
Automation Controls Catalog
A35UH PANASONIC-A35UH Datasheet
404Kb / 10P
Automation Controls Catalog
AXT140124 PANASONIC-AXT140124 Datasheet
461Kb / 11P
Automation Controls Catalog
logo
OSRAM GmbH
SFH2711 OSRAM-SFH2711 Datasheet
975Kb / 16P
Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com