Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L552VEU3QTR Datasheet(PDF) 155 Page - STMicroelectronics

Part # STM32L552VEU3QTR
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VEU3QTR Datasheet(HTML) 155 Page - STMicroelectronics

Back Button STM32L552VEU3QTR Datasheet HTML 151Page - STMicroelectronics STM32L552VEU3QTR Datasheet HTML 152Page - STMicroelectronics STM32L552VEU3QTR Datasheet HTML 153Page - STMicroelectronics STM32L552VEU3QTR Datasheet HTML 154Page - STMicroelectronics STM32L552VEU3QTR Datasheet HTML 155Page - STMicroelectronics STM32L552VEU3QTR Datasheet HTML 156Page - STMicroelectronics STM32L552VEU3QTR Datasheet HTML 157Page - STMicroelectronics STM32L552VEU3QTR Datasheet HTML 158Page - STMicroelectronics STM32L552VEU3QTR Datasheet HTML 159Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 340 page
background image
Table 35. Current consumption in Run and Low-power run modes, code with data processing
running from Flash in single Bank, ICACHE disabled
Symbol
Parame
ter
Conditions
TYP
MAX
Unit
-
Voltage
scaling
fHCLK
25°C
55°C
85°C
105°C
125°C
25°C
55°C
85°C
105°C
125°C
IDD
(Run)
Supply
current
in Run
mode
fHCLK =
fHSE up
to
48 MHz
included,
bypass
mode
PLL ON
above
48 MHz
all
peripher
als
disabled
Range 2
26 MHz
4.08
4.43
5.36
6.72
9.02
5.38
7.84
13.14
19.81
30.60
mA
16 MHz
2.65
2.98
3.91
5.22
7.55
3.93
6.38
11.67
18.32
29.09
8 MHz
1.43
1.76
2.67
3.99
6.26
2.67
5.11
10.38
17.02
27.77
4 MHz
0.82
1.14
2.05
3.36
5.65
2.04
4.48
9.73
16.36
27.11
2 MHz
0.51
0.82
1.75
3.05
5.31
1.73
4.16
9.41
16.04
26.78
1 MHz
0.36
0.68
1.59
2.89
5.16
1.65
4.08
9.33
15.96
26.70
100 KHz
0.22
0.53
1.45
2.76
5.00
1.43
3.86
9.11
15.73
26.47
Range 0 110 MHz
18.8
19.4
20.9
22.8
25.9
19.97
24.02
32.25
42.05
57.42
Range 1
80 MHz
14.1
14.6
15.9
17.6
20.5
16.16
19.71
27.01
35.88
49.75
72 MHz
12.8
13.3
14.5
16.2
19.1
14.80
18.34
25.64
34.50
48.37
64 MHz
11.79
12.30
13.5
15.2
18.1
13.90
17.45
24.74
33.60
47.45
48 MHz
8.87
9.37
10.63
12.3
15.1
10.97
14.51
21.78
30.62
44.47
32 MHz
6.12
6.58
7.80
9.44
12.2
8.22
11.74
18.98
27.78
41.68
24 MHz
4.66
5.11
6.29
7.92
10.7
6.70
10.20
17.42
26.20
40.09
16 MHz
3.26
3.70
4.86
6.47
9.2
5.28
8.77
15.97
24.74
38.61
IDD
(LPRun)
Supply
current
in Low-
power
run
mode
fHCLK = fMSI
all peripherals
disabled
2 MHz
511
866
1890
3353
5834
2122
5256
12721
20681
31502
µA
1 MHz
344
692
1715
3168
5642
1949
5022
12001
18581
31161
400 KHz
203
591
1603
3062
5505
1852
4828
11924
18580
31131
100 KHz
159
531
1553
3018
5468
1802
4590
11905
18301
30947



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com