Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L552VEU3QTR Datasheet(PDF) 160 Page - STMicroelectronics

Part # STM32L552VEU3QTR
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VEU3QTR Datasheet(HTML) 160 Page - STMicroelectronics

Back Button STM32L552VEU3QTR Datasheet HTML 156Page - STMicroelectronics STM32L552VEU3QTR Datasheet HTML 157Page - STMicroelectronics STM32L552VEU3QTR Datasheet HTML 158Page - STMicroelectronics STM32L552VEU3QTR Datasheet HTML 159Page - STMicroelectronics STM32L552VEU3QTR Datasheet HTML 160Page - STMicroelectronics STM32L552VEU3QTR Datasheet HTML 161Page - STMicroelectronics STM32L552VEU3QTR Datasheet HTML 162Page - STMicroelectronics STM32L552VEU3QTR Datasheet HTML 163Page - STMicroelectronics STM32L552VEU3QTR Datasheet HTML 164Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 340 page
background image
Table 40. Current consumption in Run and Low-power run modes, code with data processing
running from Flash in dual bank, ICACHE ON in 1-way
Symbol Parameter
Conditions
TYP
MAX
Unit
-
Voltage
scaling
fHCLK
25°C
55°C
85°C
105°C
125°C
25°C
55°C
85°C
105°C
125°C
IDD
(Run)
Supply
current in
Run mode
fHCLK =
fHSE up to
48MHz
included,
bypass
mode PLL
ON above
48 MHz all
peripherals
disabled
Range 2
26 MHz
3.10
3.44
4.455.998.764.286.74
12.01
18.6529.47
mA
16 MHz
1.99
2.32
3.334.847.603.185.63
10.88
17.5128.31
8 MHz
1.10
1.42
2.43
3.93
6.67
2.30
4.73
9.97
16.59
27.37
4 MHz
0.65
0.97
1.96
3.47
6.19
1.86
4.29
9.52
16.13
26.90
2 MHz
0.43
0.76
1.75
3.24
5.97
1.64
4.06
9.29
15.90
26.67
1 MHz
0.31
0.63
1.63
3.14
5.84
1.58
4.01
9.24
15.85
26.61
100 KHz
0.21
0.53
1.52
3.01
5.75
1.43
3.85
9.08
15.69
26.45
Range 0 110 MHz 16.14 16.75
18.31
20.43
24.12
18.54
22.62
30.83
40.64
56.06
Range 1
80 MHz
11.03 11.54
12.91
14.83
18.22
12.97
16.52
23.79
32.65
46.57
mA
72 MHz
9.96
10.46
11.81
13.73
17.10
11.89
15.44
22.69
31.54
45.44
64 MHz
8.89
9.39
10.72
12.62
16.00
10.81
14.35
21.59
30.43
44.31
48 MHz
6.74
7.21
8.52
10.41
13.77
8.63
12.16
19.38
28.20
42.08
32 MHz
4.58
5.04
6.31
8.19
11.47
6.46
9.97
17.16
25.95
39.86
24 MHz
3.50
3.94
5.22
7.07
10.36
5.38
8.87
16.04
24.82
38.72
16 MHz
2.42
2.85
4.105.939.214.307.78
14.93
23.6937.57
IDD
(LPRun)
Supply
current in
Low-power
run mode
fHCLK = fMSI
all peripherals disabled
2 MHz
395.2
8
772.8
3
1907
3571
6492
2013
4976
12833
20077
31507
µA
1 MHz
289.9
8
641.7
3
1775
3418
6339
1907
4922
11903
18462
31382
400 KHz
186.6
8
557.5
3
1698
3343
6271
1823
4765
11840
18375
31356
100 KHz
165.5
4
523.3
3
1666
3299
6245
1799
4595
11826
18345
30923



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com