Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB1592 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SB1592
Description  Silicon PNP epitaxial planer type(For low-frequency amplification)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SB1592 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SB1592 Datasheet HTML 1Page - Panasonic Semiconductor 2SB1592 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Transistor
2SB1592
0
160
40
120
80
140
20
100
60
0
1.2
1.0
0.8
0.6
0.4
0.2
Ambient temperature Ta (˚C)
0–6
–5
–4
–1
–3
–2
0
–3.0
–2.5
–2.0
–1.5
–1.0
– 0.5
Ta=25˚C
–10mA
–8mA
–6mA
–4mA
–2mA
I
B=–12mA
Collector to emitter voltage V
CE
(V)
0
–1.2
–1.0
– 0.8
– 0.2
– 0.6
– 0.4
0
–6
–5
–4
–3
–2
–1
V
CE=–2V
Ta=75˚C
–25˚C
25˚C
Base to emitter voltage V
BE
(V)
– 0.01
– 0.1
–1
–10
– 0.03
– 0.3
–3
– 0.01
– 0.03
– 0.1
– 0.3
–1
–3
–10
–30
–100
I
C/IB=56
Ta=75˚C
25˚C
–25˚C
Collector current I
C
(A)
– 0.01
– 0.1
–1
–10
– 0.03
– 0.3
–3
0
600
500
400
300
200
100
V
CE=–2V
Ta=75˚C
25˚C
–25˚C
Collector current I
C
(A)
– 0.01
– 0.1
–1
–10
– 0.03
– 0.3
–3
0
600
500
400
300
200
100
V
CB=–6V
f=200MHz
Ta=25˚C
Emitter current I
E
(mA)
–1
–3
–10
–30
–100
0
240
200
160
120
80
40
f=1MHz
I
E=0
Ta=25˚C
Collector to base voltage V
CB
(V)
PC — Ta
IC — VCE
IC — VBE
VCE(sat) — IC
hFE — IC
fT — IE
Cob — VCB


Similar Part No. - 2SB1592

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1590K ROHM-2SB1590K Datasheet
71Kb / 3P
Power Transistor (-15V, -1A)
logo
Foshan Blue Rocket Elec...
2SB1590K FOSHAN-2SB1590K Datasheet
712Kb / 6P
Silicon PNP transistor in a SOT-23 Plastic Package
logo
Panasonic Semiconductor
2SB1593 PANASONIC-2SB1593 Datasheet
66Kb / 3P
For Low-Frequency Output Amplification
logo
Toshiba Semiconductor
2SB1594 TOSHIBA-2SB1594 Datasheet
149Kb / 3P
TRANSISTOR (POWER AMPLIFIER APPLICATIONS)
logo
Rohm
2SB1595 ROHM-2SB1595 Datasheet
195Kb / 2P
TRANSISTORS TO 92L TO-92LS MRT
More results

Similar Description - 2SB1592

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB1050 PANASONIC-2SB1050 Datasheet
37Kb / 2P
Silicon PNP epitaxial planer type(For low-frequency amplification)
2SB1073 PANASONIC-2SB1073 Datasheet
35Kb / 2P
Silicon PNP epitaxial planer type(For low-frequency amplification)
2SB774 PANASONIC-2SB774 Datasheet
35Kb / 2P
Silicon PNP epitaxial planer type(For low-frequency amplification)
2SB1030 PANASONIC-2SB1030 Datasheet
38Kb / 2P
Silicon PNP epitaxial planer type(For low-frequency amplification)
2SB1539 PANASONIC-2SB1539 Datasheet
36Kb / 2P
Silicon PNP epitaxial planer type(For low-frequency amplification)
2SB1612 PANASONIC-2SB1612 Datasheet
35Kb / 2P
Silicon PNP epitaxial planer type(For low-frequency amplification)
2SB1679 PANASONIC-2SB1679 Datasheet
44Kb / 1P
Silicon PNP epitaxial planer type(For low-frequency amplification)
2SB873 PANASONIC-2SB873 Datasheet
37Kb / 2P
Silicon PNP epitaxial planer type(For low-frequency power amplification)
2SB767 PANASONIC-2SB767 Datasheet
38Kb / 2P
Silicon PNP epitaxial planer type(For low-frequency output amplification)
2SB1434 PANASONIC-2SB1434 Datasheet
60Kb / 2P
Silicon PNP epitaxial planer type(For low-frequency output amplification)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com