Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB1603A Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SB1603A
Description  Silicon PNP epitaxial planar type(For low-voltage switching)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SB1603A Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SB1603A Datasheet HTML 1Page - Panasonic Semiconductor 2SB1603A Datasheet HTML 2Page - Panasonic Semiconductor 2SB1603A Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Power Transistors
2SB1603, 2SB1603A
Silicon PNP epitaxial planar type
For low-voltage switching
s Features
q
Low collector to emitter saturation voltage VCE(sat)
q
High-speed switching
q
Full-pack package with outstanding insulation, which can be in-
stalled to the heat sink with one screw
s Absolute Maximum Ratings (T
C=25˚C)
Parameter
Collector to
base voltage
Collector to
emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power
dissipation
Junction temperature
Storage temperature
Symbol
VCBO
VCEO
VEBO
ICP
IC
PC
Tj
Tstg
Ratings
–40
–50
–20
–40
–5
–8
–4
25
2
150
–55 to +150
2SB1603
2SB1603A
2SB1603
2SB1603A
TC=25°C
Ta=25
°C
Unit: mm
1:Base
2:Collector
3:Emitter
TO–220E Full Pack Package
9.9
±0.3
23
1
4.6
±0.2
2.9
±0.2
2.6
±0.1
2.54
±0.2
0.75
±0.1
1.2
±0.15
5.08
±0.4
φ3.2±0.1
1.45
±0.15
0.7
±0.1
7
°
Unit
V
V
V
A
A
W
˚C
˚C
s Electrical Characteristics (T
C=25˚C)
Parameter
Collector cutoff current
Emitter cutoff current
Collector to emitter
voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Base to emitter saturation voltage
Transition frequency
Turn-on time
Storage time
Fall time
Symbol
ICBO
IEBO
VCEO
hFE1
hFE2
*
VCE(sat)
VBE(sat)
fT
ton
tstg
tf
Conditions
VCB = –40V, IE = 0
VEB = –5V, IC = 0
IC = –10mA, IB = 0
VCE = –2V, IC = – 0.1A
VCE = –2V, IC = –1A
IC = –2A, IB = – 0.1A
IC = –2A, IB = – 0.1A
VCE = –5V, IC = – 0.5A, f = 10MHz
IC = –2A, IB1 = – 0.2A, IB2 = 0.2A
min
–20
–40
45
90
typ
150
0.3
0.4
0.1
max
–50
–50
260
– 0.5
–1.5
Unit
µA
µA
V
V
V
MHz
µs
µs
µs
2SB1603
2SB1603A
*h
FE2 Rank classification
Rank
Q
P
hFE2
90 to 180
130 to 260


Similar Part No. - 2SB1603A

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
2SB1603A SAVANTIC-2SB1603A Datasheet
237Kb / 4P
   Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2SB1603A ISC-2SB1603A Datasheet
162Kb / 4P
   Silicon PNP Power Transistors
logo
Savantic, Inc.
2SB1603A SAVANTIC-2SB1603A Datasheet
238Kb / 4P
   Silicon PNP Power Transistors
More results

Similar Description - 2SB1603A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB935 PANASONIC-2SB935 Datasheet
58Kb / 3P
   Silicon PNP epitaxial planar type(For low-voltage switching)
2SB947 PANASONIC-2SB947 Datasheet
56Kb / 3P
   Silicon PNP epitaxial planar type(For low-voltage switching)
2SB1604 PANASONIC-2SB1604 Datasheet
56Kb / 3P
   Silicon PNP epitaxial planar type(For low-voltage switching)
2SB1638 PANASONIC-2SB1638 Datasheet
58Kb / 3P
   Silicon PNP epitaxial planar type(For low-voltage switching)
2SB1148 PANASONIC-2SB1148 Datasheet
59Kb / 3P
   Silicon PNP epitaxial planar type(For low-voltage switching)
2SB953 PANASONIC-2SB953 Datasheet
56Kb / 3P
   Silicon PNP epitaxial planar type(For low-voltage switching)
2SB952 PANASONIC-2SB952 Datasheet
58Kb / 3P
   Silicon PNP epitaxial planar type(For low-voltage switching)
2SB936 PANASONIC-2SB936 Datasheet
58Kb / 3P
   Silicon PNP epitaxial planar type(For low-voltage switching)
2SD1538 PANASONIC-2SD1538 Datasheet
57Kb / 3P
   Silicon NPN epitaxial planar type(For low-voltage switching)
2SD1539 PANASONIC-2SD1539 Datasheet
54Kb / 3P
   Silicon NPN epitaxial planar type(For low-voltage switching)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com