Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMMT-AS-C7-11A-P3-PN-S1 Datasheet(PDF) 1 Page - Festo Corporation.

Part # CMMT-AS-C7-11A-P3-PN-S1
Description  Servo drive
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

CMMT-AS-C7-11A-P3-PN-S1 Datasheet(HTML) 1 Page - Festo Corporation.

  CMMT-AS-C7-11A-P3-PN-S1 Datasheet HTML 1Page - Festo Corporation. CMMT-AS-C7-11A-P3-PN-S1 Datasheet HTML 2Page - Festo Corporation. CMMT-AS-C7-11A-P3-PN-S1 Datasheet HTML 3Page - Festo Corporation. CMMT-AS-C7-11A-P3-PN-S1 Datasheet HTML 4Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Servo drive
CMMT-AS-C7-11A-P3-PN-S1
Part number: 8133352
Data sheet
Feature
Value
Type code
CMMT-AS
Fieldbus interface, function
Bus connection, incoming/forwarding
PROFINET slave
Fieldbus interface, transmission rate
100 Mbit/s
KC characters
KC EMC
Mounting position
Free convection
Vertical
Information on max. installation height
1% power reduction/100 m above 1000 m.
Ethernet interface, protocol
TCP/IP
Ethernet interface, function
Parameterization and commissioning
Encoder interface, function
EnDat® 2.1 encoder
EnDat® 2.2 encoder
Hiperface encoder
Incremental encoder
Nikon
SIN/COS encoder
Fieldbus interface, connection technology
RJ45
Mains types
TN
IT
Protection class
I
Encoder interface 2, function
Incremental encoder
SIN/COS encoder
Fieldbus interface, protocol
PROFINET IRT
PROFINET RT
Overvoltage category
III
Synchronization interface, function
Encoder emulation A/B/Z
Encoder input A/B/Z
Pulse/direction signals CLK/DIR
CW/CCW counting signals
Fieldbus interface, connection type
2x socket
Number of high-speed switching outputs
2
Number of floating switching outputs
1
Number of inputs for motor temperature sensor
1
Number of diagnostic outputs
2
Max. current of the floating switching outputs
50 mA
Max. continuous output of the external braking resistor (IEC)
1500 W
Pulse energy for braking resistor
1200 Ws
Max. output current of holding brake
1.5 A
Number of high-speed logic inputs
2
2/10/21 - Subject to change - Festo AG & Co. KG
1/4


Similar Part No. - CMMT-AS-C7-11A-P3-PN-S1

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
CMMT-AS-C7-11A-P3-EC-S1 FESTO-CMMT-AS-C7-11A-P3-EC-S1 Datasheet
83Kb / 4P
Servo drive
CMMT-AS-C7-11A-P3-EP-S1 FESTO-CMMT-AS-C7-11A-P3-EP-S1 Datasheet
83Kb / 4P
Servo drive
CMMT-AS-C7-11A-P3-MP-S1 FESTO-CMMT-AS-C7-11A-P3-MP-S1 Datasheet
84Kb / 4P
Servo drive
More results

Similar Description - CMMT-AS-C7-11A-P3-PN-S1

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
CMMT-AS-C2-3A-EC-S1 FESTO-CMMT-AS-C2-3A-EC-S1 Datasheet
84Kb / 4P
Servo drive
CMMT-AS-C2-3A-PN-S1 FESTO-CMMT-AS-C2-3A-PN-S1 Datasheet
84Kb / 4P
Servo drive
CMMT-ST-C8-1C-EP-S0 FESTO-CMMT-ST-C8-1C-EP-S0 Datasheet
80Kb / 3P
Servo drive
CMMT-ST-C8-1C-PN-S0 FESTO-CMMT-ST-C8-1C-PN-S0 Datasheet
80Kb / 3P
Servo drive
CMMT-AS-C2-3A-EP-S1 FESTO-CMMT-AS-C2-3A-EP-S1 Datasheet
84Kb / 4P
Servo drive
CMMT-AS-C12-11A-P3-EP-S1 FESTO-CMMT-AS-C12-11A-P3-EP-S1 Datasheet
83Kb / 4P
Servo drive
CMMT-AS-C2-11A-P3-PN-S1 FESTO-CMMT-AS-C2-11A-P3-PN-S1 Datasheet
85Kb / 4P
Servo drive
CMMT-ST-C8-1C-EC-S0 FESTO-CMMT-ST-C8-1C-EC-S0 Datasheet
80Kb / 3P
Servo drive
CMMT-AS-C2-11A-P3-EC-S1 FESTO-CMMT-AS-C2-11A-P3-EC-S1 Datasheet
85Kb / 4P
Servo drive
CMMT-AS-C3-11A-P3-EC-S1 FESTO-CMMT-AS-C3-11A-P3-EC-S1 Datasheet
84Kb / 4P
Servo drive
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com