Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMMT-AS-C7-11A-P3-PN-S1 Datasheet(PDF) 2 Page - Festo Corporation.

Part # CMMT-AS-C7-11A-P3-PN-S1
Description  Servo drive
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

CMMT-AS-C7-11A-P3-PN-S1 Datasheet(HTML) 2 Page - Festo Corporation.

  CMMT-AS-C7-11A-P3-PN-S1 Datasheet HTML 1Page - Festo Corporation. CMMT-AS-C7-11A-P3-PN-S1 Datasheet HTML 2Page - Festo Corporation. CMMT-AS-C7-11A-P3-PN-S1 Datasheet HTML 3Page - Festo Corporation. CMMT-AS-C7-11A-P3-PN-S1 Datasheet HTML 4Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Feature
Value
System voltage to EN 61800-5-1
300 V
Max. short circuit protection of mains
10 kA
Braking resistor nominal power (IEC)
100 W
Max. voltage drop from logic supply to brake output
1 V
Number of safe 2-pin inputs
2
Time resolution of high-speed logic inputs
1 µs
Max. current consumption for logic supply with parking brake
2 A
Time resolution of high-speed switching outputs
1 µs
Max. installation height
2000 m
Conforms to standard
EN 61800-3
EN 61800-5-1
EN 61800-5-2
EN ISO 13849-1
Based on norm
EN 50581
EN 60204-1
EN 61508-1
EN 61508-2
EN 61508-3
EN 61508-4
EN 61508-5
EN 61508-6
EN 61508-7
EN 61800-2
EN 62061
Active PFC
no
Controller operating mode
Cascade control
P position controller
PI speed controller
PI current regulator for F or M
Profile operation with block mode and direct mode
Interpolating mode via fieldbus
Synchronous operating modes
Reference travel
Setup mode
Autotuning
Mode of operation
Field-oriented regulation
Position resolution 24 bit/rev.
Sampling rate 16 kHz
PWM with 8 or 16 KHz
Vector modulation with 3rd harmonic
Real-time data acquisition
2x input capture (x, v, F)
2x output trigger (x, v, F)
2x position sensor input
1x SYNC interface for encoder emulation or encoder input
Line filter
Integrated
Safety function
Safe brake control (SBC)
Safe torque off (STO)
Safe stop 1 (SS1)
Safety integrity level (SIL)
Safe brake control (SBC)/SIL 3/SILCL 3
Safe torque off (STO)/SIL 3/SILCL 3
Performance Level (PL)
Safe brake control (SBC)/category 3, performance level e
Safe torque off (STO)/category 4, performance level e
Display
LED green/yellow/red
Control elements
Optional: CDSB operating unit
Output frequency
0 Hz ... 599 Hz
Output voltage range AC
3x (0 – input) V
Braking resistor, external
60 Ohm ... 85 Ohm
Braking resistor, integrated
47 Ohm
Diagnostic coverage
97 %
Characteristics of digital logic outputs
Freely configurable in some cases
Not galvanically isolated
Diagnostic outputs in some cases
2/10/21 - Subject to change - Festo AG & Co. KG
2/4


Similar Part No. - CMMT-AS-C7-11A-P3-PN-S1

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
CMMT-AS-C7-11A-P3-EC-S1 FESTO-CMMT-AS-C7-11A-P3-EC-S1 Datasheet
83Kb / 4P
Servo drive
CMMT-AS-C7-11A-P3-EP-S1 FESTO-CMMT-AS-C7-11A-P3-EP-S1 Datasheet
83Kb / 4P
Servo drive
CMMT-AS-C7-11A-P3-MP-S1 FESTO-CMMT-AS-C7-11A-P3-MP-S1 Datasheet
84Kb / 4P
Servo drive
More results

Similar Description - CMMT-AS-C7-11A-P3-PN-S1

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
CMMT-AS-C2-3A-EC-S1 FESTO-CMMT-AS-C2-3A-EC-S1 Datasheet
84Kb / 4P
Servo drive
CMMT-AS-C2-3A-PN-S1 FESTO-CMMT-AS-C2-3A-PN-S1 Datasheet
84Kb / 4P
Servo drive
CMMT-ST-C8-1C-EP-S0 FESTO-CMMT-ST-C8-1C-EP-S0 Datasheet
80Kb / 3P
Servo drive
CMMT-ST-C8-1C-PN-S0 FESTO-CMMT-ST-C8-1C-PN-S0 Datasheet
80Kb / 3P
Servo drive
CMMT-AS-C2-3A-EP-S1 FESTO-CMMT-AS-C2-3A-EP-S1 Datasheet
84Kb / 4P
Servo drive
CMMT-AS-C12-11A-P3-EP-S1 FESTO-CMMT-AS-C12-11A-P3-EP-S1 Datasheet
83Kb / 4P
Servo drive
CMMT-AS-C2-11A-P3-PN-S1 FESTO-CMMT-AS-C2-11A-P3-PN-S1 Datasheet
85Kb / 4P
Servo drive
CMMT-ST-C8-1C-EC-S0 FESTO-CMMT-ST-C8-1C-EC-S0 Datasheet
80Kb / 3P
Servo drive
CMMT-AS-C2-11A-P3-EC-S1 FESTO-CMMT-AS-C2-11A-P3-EC-S1 Datasheet
85Kb / 4P
Servo drive
CMMT-AS-C3-11A-P3-EC-S1 FESTO-CMMT-AS-C3-11A-P3-EC-S1 Datasheet
84Kb / 4P
Servo drive
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com