Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMMT-AS-C7-11A-P3-PN-S1 Datasheet(PDF) 3 Page - Festo Corporation.

Part # CMMT-AS-C7-11A-P3-PN-S1
Description  Servo drive
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

CMMT-AS-C7-11A-P3-PN-S1 Datasheet(HTML) 3 Page - Festo Corporation.

  CMMT-AS-C7-11A-P3-PN-S1 Datasheet HTML 1Page - Festo Corporation. CMMT-AS-C7-11A-P3-PN-S1 Datasheet HTML 2Page - Festo Corporation. CMMT-AS-C7-11A-P3-PN-S1 Datasheet HTML 3Page - Festo Corporation. CMMT-AS-C7-11A-P3-PN-S1 Datasheet HTML 4Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Feature
Value
Hardware fault tolerance
1
Impedance of setpoint input
70 kOhm
Pulse power of braking resistor
13.6 kVA
Max. current of digital logic outputs
20 mA
Max. length of motor cable without ext. mains filter
25 m
Max. peak current duration
2 s
Max. DC link voltage
800 V
Nominal operating voltage AC
400 V
Input voltage range AC
200 V ... 480 V
Controller nominal power
4000 VA
Nominal voltage, logic supply DC
24 V
Nominal voltage, load supply DC
560 V
Nominal current load supply
9 A
Nominal current per phase, effective
7 A
Mains frequency
48 Hz ... 62 Hz
Nominal operating voltage phases
3-phase
SFF safe failure fraction
99 %
Peak power
12000 VA
Peak current, load supply
27 A
Peak current per phase, effective
21 A
Surge resistance
6 kV
Max. current consumption for logic supply without clamping brake
0.5 A
Max. current consumption for logic supply with clamping brake and I/O 2.5 A
Contamination level
2
Load supply permissible range
± 10 %
Permissible range of logic voltage
± 20 %
Permissible voltage fluctuations
+/- 10 %
Certificate issuing authority
German Technical Control Board (TÜV) Rheinland 01/205/5640.00/18
UL E331130
CE marking (see declaration of conformity)
As per EU EMC directive
as per EU machinery directive
As per EU low voltage directive
As per EU RoHS directive
Storage temperature
-25 °C ... 55 °C
Relative air humidity
5 - 90 %
Non-condensing
Degree of protection
IP20
Ambient temperature
0 °C ... 50 °C
Note on ambient temperature
Above an ambient temperature of 40 °C, the power must be reduced by
3%/°C.
UL-ambient temperature
0 °C ... 40 °C
Certification
RCM compliance mark
German Technical Control Board (TÜV)
c UL us - Listed (OL)
Product weight
4100 g
Number of analog setpoint inputs
1
Number of digital logic outputs 24 V DC
6
Number of digital logic inputs
12
Communication profile
PROFIdrive
PROFIenergy
Process interfacing
AC1: Adjustable-Speed Drives
AC3: drives with positioning function
AC4: Synchronous Servo Application
Logic input specification
Based on IEC 61131-2, type 3
Work range of logic input
-3 V ... 30 V
Work range of setpoint input
± 10 V
2/10/21 - Subject to change - Festo AG & Co. KG
3/4


Similar Part No. - CMMT-AS-C7-11A-P3-PN-S1

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
CMMT-AS-C7-11A-P3-EC-S1 FESTO-CMMT-AS-C7-11A-P3-EC-S1 Datasheet
83Kb / 4P
Servo drive
CMMT-AS-C7-11A-P3-EP-S1 FESTO-CMMT-AS-C7-11A-P3-EP-S1 Datasheet
83Kb / 4P
Servo drive
CMMT-AS-C7-11A-P3-MP-S1 FESTO-CMMT-AS-C7-11A-P3-MP-S1 Datasheet
84Kb / 4P
Servo drive
More results

Similar Description - CMMT-AS-C7-11A-P3-PN-S1

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
CMMT-AS-C2-3A-EC-S1 FESTO-CMMT-AS-C2-3A-EC-S1 Datasheet
84Kb / 4P
Servo drive
CMMT-AS-C2-3A-PN-S1 FESTO-CMMT-AS-C2-3A-PN-S1 Datasheet
84Kb / 4P
Servo drive
CMMT-ST-C8-1C-EP-S0 FESTO-CMMT-ST-C8-1C-EP-S0 Datasheet
80Kb / 3P
Servo drive
CMMT-ST-C8-1C-PN-S0 FESTO-CMMT-ST-C8-1C-PN-S0 Datasheet
80Kb / 3P
Servo drive
CMMT-AS-C2-3A-EP-S1 FESTO-CMMT-AS-C2-3A-EP-S1 Datasheet
84Kb / 4P
Servo drive
CMMT-AS-C12-11A-P3-EP-S1 FESTO-CMMT-AS-C12-11A-P3-EP-S1 Datasheet
83Kb / 4P
Servo drive
CMMT-AS-C2-11A-P3-PN-S1 FESTO-CMMT-AS-C2-11A-P3-PN-S1 Datasheet
85Kb / 4P
Servo drive
CMMT-ST-C8-1C-EC-S0 FESTO-CMMT-ST-C8-1C-EC-S0 Datasheet
80Kb / 3P
Servo drive
CMMT-AS-C2-11A-P3-EC-S1 FESTO-CMMT-AS-C2-11A-P3-EC-S1 Datasheet
85Kb / 4P
Servo drive
CMMT-AS-C3-11A-P3-EC-S1 FESTO-CMMT-AS-C3-11A-P3-EC-S1 Datasheet
84Kb / 4P
Servo drive
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com