Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

955-006-XXX Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # 955-006-XXX
Description  CELLULAR (2G/3G/4G) Magnetic Antenna
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

955-006-XXX Datasheet(HTML) 1 Page - TE Connectivity Ltd

  955-006-XXX Datasheet HTML 1Page - TE Connectivity Ltd 955-006-XXX Datasheet HTML 2Page - TE Connectivity Ltd 955-006-XXX Datasheet HTML 3Page - TE Connectivity Ltd 955-006-XXX Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TE CONNECTIVITY TRANSPORTATION SOLUTIONS /// CELLULAR (2G/3G/4G) Magnetic Antenna
02/2019
Page 1
CEL 7026 RD M/series
HIRSCHMANN MOBILITY
CELLULAR (2G/3G/4G)
Magnetic Antenna
Pt no.
955-006-...
Subject to alterations
Technical data
Dimensions
∅ 30 mm x 91.4 mm
Housing Materials
ASA+PC
Weight
ca.71g
Temperature range
-40
–+80°C
Protection class
IP66(acc. IEC60529)
CELLULAR
Frequency range
LTE (low):
LTE (high):
GSM 850:
GSM 900:
GSM 1800:
GSM 1900:
UMTS:
698 - 862 MHz
2305 - 2690 MHz
824 - 894 MHz
880 - 960 MHz
1710 - 1880 MHz
1850 -1990 MHz
1920 - 2170 MHz
Impedance
50 Ohm
Load capacity
max.
10 W pulsed acc. GSM standard
Return loss
> 12dB
Gain
3 dBi
Product name
Order code
Cable
Connector
RG 174 Low Loss
CEL 7026 RD M/FME/2.5
955-006-001
2500 mm
FMEf
CEL 7026 RD M/SMA/2.5
955-006-002
2500 mm
SMAm
2G through 4G / LTE service


Similar Part No. - 955-006-XXX

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
955-019-001 TEC-955-019-001 Datasheet
309Kb / 3P
   CELLULAR (2G/3G)/ GPS Screw Antenna
955-019-XXX TEC-955-019-XXX Datasheet
309Kb / 3P
   CELLULAR (2G/3G)/ GPS Screw Antenna
955-047-001 TEC-955-047-001 Datasheet
316Kb / 3P
   IRIDIUM Magnet Antenna
955-047-002 TEC-955-047-002 Datasheet
316Kb / 3P
   IRIDIUM Magnet Antenna
955-047-004 TEC-955-047-004 Datasheet
316Kb / 3P
   IRIDIUM Magnet Antenna
More results

Similar Description - 955-006-XXX

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
602-456-XXX TEC-602-456-XXX Datasheet
695Kb / 4P
   Cellular (2G/3G/4G) Outdoor Antenna
951-013-XXX TEC-951-013-XXX Datasheet
577Kb / 2P
   CELLULAR (2G/3G) Magnetic Antenna
602-458-XXX TEC-602-458-XXX Datasheet
877Kb / 2P
   CELLULAR (2G/3G/4G) Outdoor Antenna
920-635-001 TEC-920-635-001 Datasheet
1Mb / 4P
   CELLULAR (2G/3G/4G) Screw Antenna
920-409-XXX TEC-920-409-XXX Datasheet
540Kb / 2P
   CELLULAR (2G/3G/4G) Adhesive Antenna
logo
Taoglas antenna solutio...
TG10RA0113 TAOGLAS-TG10RA0113 Datasheet
1Mb / 16P
   Triton 4G/3G/2G Terminal Antenna for Cellular Triton 4G/3G/2G Terminal Antenna for Cellular
logo
TE Connectivity Ltd
920-061-XXX TEC-920-061-XXX Datasheet
1Mb / 7P
   CELLULAR (2G/3G)/ GPS Adhesive/ Magnetic Antenna
602-311-002 TEC-602-311-002 Datasheet
915Kb / 3P
   CELLULAR (2G/3G) Adhesive Antenna
logo
Taoglas antenna solutio...
PCS.26.A TAOGLAS-PCS.26.A Datasheet
1Mb / 20P
   Low Profile LTE/Cellular 2G/3G/4G SMD Dielectric Antenna
logo
TE Connectivity Ltd
951012-XXX TEC-951012-XXX Datasheet
590Kb / 2P
   CELLULAR (2G/3G) Stubby Antenna
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com